Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALF80 Datasheet(PDF) 5 Page - Arch Electronics Corp.

Part # ALF80
Description  LED Power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ALF80 Datasheet(HTML) 5 Page - Arch Electronics Corp.

  ALF80 Datasheet HTML 1Page - Arch Electronics Corp. ALF80 Datasheet HTML 2Page - Arch Electronics Corp. ALF80 Datasheet HTML 3Page - Arch Electronics Corp. ALF80 Datasheet HTML 4Page - Arch Electronics Corp. ALF80 Datasheet HTML 5Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
VER : PA_2
update : 2012.05.10
LED Power
ALF80 SERIES
80 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-5-
EFFICIENCY VERSUS LOAD
ALF80-54S
VIN
VS
Efficiency
LOAD
VS
Efficiency
Input Voltage (V)
90
115
180
230
264
Efficiency
(%)
Input Voltage (V)
277
305
Efficiency
(%)
Load (%)
0
10
20
30
40
50
115V (%)
230V (%)
Load (%)
60
70
80
90
100
115V (%)
230V (%)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com