Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALF240 Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # ALF240
Description  LED Power
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ALF240 Datasheet(HTML) 2 Page - Arch Electronics Corp.

  ALF240 Datasheet HTML 1Page - Arch Electronics Corp. ALF240 Datasheet HTML 2Page - Arch Electronics Corp. ALF240 Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VER : B_1
update : 2012.05.11
LED Power
ALF240 SERIES
240 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
Model No.
ALF240-12S
ALF240-24S
ALF240-28S
ALF240-36S
ALF240-48S
Dimension (L x W x H)
8.35 x 2.76 x 1.50 Inches
(212.2 x 70.0 x 38.0 mm ) Tolerance
±0.5 mm
Weight
1010 g
Physical
Cooling Method
Free air convection
Safety
Agency Approvals
UL60950-1 , CE
EMI
(Conducted & Radiated Emission)
EN 55022
EMC
EMS (Noise Immunity)
EN 55024 (Surge 4KV)
MECHANICAL DIMENSION
( Top View )
IP65 Design
IP67 Design
1. All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
ASSEMBLY INSTRUCTIONS
*U Case
T=2.5mm
Customer screws into the length of the case no higher than 0.5mm
(Namely screw length for load plate thickness plus 3.0mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com