Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APF40 Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # APF40
Description  LED Power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

APF40 Datasheet(HTML) 1 Page - Arch Electronics Corp.

  APF40 Datasheet HTML 1Page - Arch Electronics Corp. APF40 Datasheet HTML 2Page - Arch Electronics Corp. APF40 Datasheet HTML 3Page - Arch Electronics Corp. APF40 Datasheet HTML 4Page - Arch Electronics Corp. APF40 Datasheet HTML 5Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VER : PA_2
update : 2012.05.10
LED Power
APF40 SERIES
40 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No.
APF40-12S
APF40-15S
APF40-24S
APF40-48S
APF40-54S
Max Output Wattage
(W)
40W
Voltage
90-305 VAC or 120-430 VDC
Frequency (Hz)
47-63 Hz
Current (Full load)
0.43 A max. (115 VAC) / 0.24 A max. (230 VAC) / 0.23 A max. (277 VAC)
Inrush Current (<2ms)
40 A max. (115 VAC) / 70 A max. (230 VAC)
Leakage Current
<0.75 mA max.
Input
Power Factor
PF>0.97 (115 VAC) / PF>0.9 (230 VAC) at Full Load
Voltage (V.DC.)
12V
15V
24V
48V
54V
Constant Current Range (V.DC.)
6 ~ 12V
7.5 ~ 15V
12 ~ 24V
24 ~ 48V
27 ~ 54V
Voltage Accuracy
±2%
Current (Convection) (mA) max
3333
2666
1666
833
740
Current ADJ Range (mA)
1667 ~ 3333
1333 ~ 2666
833 ~ 1666
417 ~ 833
370 ~ 740
Line Regulation
±1%
Load Regulation
±1%
Minimum Load
Maximum Capacitive Load
Ripple & Noise (max.)
150mVp-p
150mVp-p
200mVp-p
300mVp-p
300mVp-p
Efficiency (typ.)
85%
85%
87%
88%
88%
Hold-up Time
25 ms min.
Output
Switching Frequency
Over Power Protection
Auto recovery
Over Voltage Protection
Auto recovery
Overt Temperature Protection
Auto recovery
Protection
Short Circuit Protection
Auto recovery
Input-Output (V.AC)
3750V
Input-FG
(V.AC)
1880V
Isolation
Output-FG
.(V.AC)
500V
Operating Temperature
-40°C…+70°C (with derating)
Storage Temperature
-40°C…+85°C
Temperature Coefficient
±0.02%/°C ( 0~50°C )
Humidity
95% RH
MTBF
>100,000 h @ 25°C (MIL-HDBK-217F)
Environment
Vibration
10~500Hz, 5G 10min./1cycle, 60min. each along X, Y, Z axes.
KEY FEATURES
Fully Isolated Plastic Case with IP67 Level
Universal Input: 90-305 VAC or 120-430 VDC
Three in one dimming function
(1~10VDC & PWM Signal or resistance)
Bulit-in Active PFC Function
Free Air Convection
High Reliability
With Constant Current & Constant Voltage
Output Voltage and Constant Current Level can Be
Adjusted Through Internal Potential Meter
Isolation Class II
LED Power Application
3-Years Product Warranty
1. All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.


Similar Part No. - APF40

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
APF40-40-06CB CTS-APF40-40-06CB Datasheet
36Kb / 2P
Series APF Low Height Thin-Fin Forged Heat Sinks
APF40-40-06CB CTS-APF40-40-06CB Datasheet
205Kb / 2P
Precision forging technology for high power applications
APF40-40-10CB CTS-APF40-40-10CB Datasheet
36Kb / 2P
Series APF Low Height Thin-Fin Forged Heat Sinks
APF40-40-10CB CTS-APF40-40-10CB Datasheet
205Kb / 2P
Precision forging technology for high power applications
APF40-40-13CB CTS-APF40-40-13CB Datasheet
36Kb / 2P
Series APF Low Height Thin-Fin Forged Heat Sinks
More results

Similar Description - APF40

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DWS-EJS-VW1-1 DOMINANT-DWS-EJS-VW1-1 Datasheet
864Kb / 13P
Power LED
DWS-SJS-ST2-1 DOMINANT-DWS-SJS-ST2-1 Datasheet
880Kb / 13P
Power LED
logo
Lumileds Lighting Compa...
DS60 LUMILEDS-DS60 Datasheet
655Kb / 26P
power LED
logo
Everlight Electronics C...
31-01UTC-S463 EVERLIGHT-31-01UTC-S463 Datasheet
134Kb / 8P
POWER LED
logo
Arch Electronics Corp.
ALF60 ARCH-ALF60 Datasheet
276Kb / 5P
LED Power
ALF100 ARCH-ALF100 Datasheet
332Kb / 5P
LED Power
ALF150 ARCH-ALF150 Datasheet
332Kb / 5P
LED Power
APF60 ARCH-APF60 Datasheet
296Kb / 5P
LED Power
ZLF100 ARCH-ZLF100 Datasheet
300Kb / 2P
LED Power
QLF75 ARCH-QLF75_16 Datasheet
225Kb / 2P
LED Power
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com