Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATC30 Datasheet(PDF) 3 Page - Arch Electronics Corp.

Part # ATC30
Description  AC-DC Power Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ATC30 Datasheet(HTML) 3 Page - Arch Electronics Corp.

  ATC30 Datasheet HTML 1Page - Arch Electronics Corp. ATC30 Datasheet HTML 2Page - Arch Electronics Corp. ATC30 Datasheet HTML 3Page - Arch Electronics Corp. ATC30 Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VER : A_2
update : 2012.01.20
AC-DC Power Module
ATC30 SERIES
30 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-3-
EFFICIENCY VERSUS LOAD
ATC30-12S
VIN
VS
Efficiency
Input Voltage (V)
90
115
180
230
264
305
Efficiency
(%)
87.6
88.4
90.2
90.4
90.2
89.9
75.00%
77.50%
80.00%
82.50%
85.00%
87.50%
90.00%
92.50%
95.00%
90
115
180
230
264
305
VIN
LOAD
VS
Efficiency
Load (%)
10
20
30
40
50
60
70
80
90
100
230V (%)
84.6
87.9
89.3
90.2
90.3
89.9
89.9
90.1
90.1
90.4
81.00%
82.00%
83.00%
84.00%
85.00%
86.00%
87.00%
88.00%
89.00%
90.00%
91.00%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
LOAD



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com