Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLF16 Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # PLF16
Description  LED Power
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

PLF16 Datasheet(HTML) 1 Page - Arch Electronics Corp.

  PLF16 Datasheet HTML 1Page - Arch Electronics Corp. PLF16 Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VER : A_2
update : 2012.02.01
LED Power
PLF16 SERIES
16 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
ELECTRICAL SPECIFICATIONS
Model No.
PLF16-1050
PLF16-700
PLF16-350
Max output wattage
( W )
16.38W
16.8W
16.8W
Voltage
(Note1)
90-264 VAC
Frequency (Hz)
47~63 Hz
Power factor
PF>0.93 at full load (115/230 VAC)
Current (full load)
0.6A max. (115 VAC) / 0.3A max. (230 VAC)
Inrush current
40 A max. (Cold Start at 230 VAC)
Input
Leakage current
<0.25mA
Voltage (V.DC.) (max)
15.6V
24V
48V
Operation Voltage (Note2)
11~15.6VDC
16.8~24VDC
33.6~48 VDC
Current (mA)
1050
700
350
Load Regulation (Min-Max) (typ.)
±4%
Ripple & Noise (max) (Note3)
3Vp-p
Current Regulation (at 230VAC) (Note4)
±5%
Output
Efficiency (typ) (at 230VAC)
84%
86%
86%
Over Temperature protection(optional)
Auto recovery
Over voltage protection
Auto recovery
Protection
Short circuit protection
Auto recovery
Isolation
Input-Output (V.AC)
4000V
Operating temperature
-30°C…+70°C (with derating)
Storage temperature
-40°C…+85°C
Temperature coefficient
0.1%/°C
Humidity
95% RH
Environment
MTBF
>906,500 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
3.47 x 1.69 x 1.1 Inches
(88.0 x 43.0 x 28.0 mm ) Tolerance
±0.5 mm
Weight
150 g
Physical
Cooling method
Free air convection
Safety Standards
EN61347、EN61347-2-13
EMI (Conducted & Radiated Emission)
EN 55015
Safety & EMC
EMS (Noise Immunity)
EN 61547
KEY FEATURES
Fully Isolated Plastic Case with IP65 Level
Constant Current
Universal Input: 90-264 VAC
With P.F.C. Function, PF>0.93
High Efficiency up to 86%
Turn-on Delay < 250ms
Protections: Over Load / Over Voltage / Short Circuit
.Over Temperature(optional)
High Reliability & Double Layered PCB
3-Years Product Warranty


Similar Part No. - PLF16

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
PLF16-1050 ARCH-PLF16-1050 Datasheet
222Kb / 2P
Fully Isolated Plastic Case with IP65 Level
PLF16-350 ARCH-PLF16-350 Datasheet
222Kb / 2P
Fully Isolated Plastic Case with IP65 Level
PLF16-700 ARCH-PLF16-700 Datasheet
222Kb / 2P
Fully Isolated Plastic Case with IP65 Level
PLF16 ARCH-PLF16_16 Datasheet
222Kb / 2P
Fully Isolated Plastic Case with IP65 Level
PLF16_SERIES ARCH-PLF16_SERIES Datasheet
271Kb / 2P
With P.F.C. Function, PF>0.9
More results

Similar Description - PLF16

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DWS-EJS-VW1-1 DOMINANT-DWS-EJS-VW1-1 Datasheet
864Kb / 13P
Power LED
DWS-SJS-ST2-1 DOMINANT-DWS-SJS-ST2-1 Datasheet
880Kb / 13P
Power LED
logo
Lumileds Lighting Compa...
DS60 LUMILEDS-DS60 Datasheet
655Kb / 26P
power LED
logo
Everlight Electronics C...
31-01UTC-S463 EVERLIGHT-31-01UTC-S463 Datasheet
134Kb / 8P
POWER LED
logo
Arch Electronics Corp.
ALF60 ARCH-ALF60 Datasheet
276Kb / 5P
LED Power
ALF100 ARCH-ALF100 Datasheet
332Kb / 5P
LED Power
ALF150 ARCH-ALF150 Datasheet
332Kb / 5P
LED Power
APF60 ARCH-APF60 Datasheet
296Kb / 5P
LED Power
ZLF100 ARCH-ZLF100 Datasheet
300Kb / 2P
LED Power
QLF75 ARCH-QLF75_16 Datasheet
225Kb / 2P
LED Power
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com