Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLF60 Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # PLF60
Description  LED Power
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

PLF60 Datasheet(HTML) 1 Page - Arch Electronics Corp.

  PLF60 Datasheet HTML 1Page - Arch Electronics Corp. PLF60 Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VER : C_1
update : 2012.03.02
LED Power
PLF60 SERIES
60 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
ELECTRICAL SPECIFICATIONS
Model No.
PLF60-
13.5S 4200
PLF60-
24S
2400
PLF60-
28S
1400
PLF60-
28S
2100
PLF60-
48S
1050
PLF60-
54S
700
PLF60-
54S
1050
Max output wattage
( W )
60W
60W
39.2W
60W
60W
37.8W
60W
Voltage
(Note2)
90-264 VAC
Frequency (Hz)
50 / 60 Hz
Power factor
PF>0.9 at Full load (115 VAC / 230 VAC)
Current (Full load)
0.8A max. (115 VAC) / 0.4A max. (230 VAC)
Inrush current
50 A max. (Cold Start at 230 VAC)
Input
Leakage Current
< 0.7 mA max at 240 VAC / 63 Hz
Voltage (V.DC.)
13.5V
24V
28V
28V
48V
54V
54V
Constant Current Operation Voltage (max)
(CC Mode) (Note3)
11~13.5
VDC
17~ 24
VDC
21~28
VDC
21~28
VDC
33.5~48
VDC
38~54
VDC
38~54
VDC
Voltage Tolerance
±10%
Current (mA) (CC Mode) (at 230VAC.)
4200
2400
1400
2100
1050
700
1050
Minimum Load (mA)
3570
1700
1400
1400
825
700
700
Line Regulation (115-230VAC.) (typ.)
±4%
Load Regulation (typ.)
±5%
Ripple & Noise (max)
4Vp-p
4.5Vp-p
5Vp-p
5Vp-p
5Vp-p
5Vp-p
5Vp-p
Output
Efficiency (at 230VAC.)(typ)
85%
87%
89%
89%
89%
89%
89%
Over current protection
Auto recovery
Over voltage protection
Zener diode clamp
Protection
Short circuit protection
Auto recovery
Input-Output (V.AC)
3750V
Input-FG
(V.AC)
1880V
Isolation
Output-FG
.(V.AC)
500V
Operating temperature
-30°C…+70°C (with derating)
Storage temperature
-40°C…+85°C
Temperature coefficient
0.02%/°C
Humidity
95% RH
Environment
MTBF
>583,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
4.92 x 2.36 x 1.38 Inches (125.0 x 60.0 x 35.0 mm) Tolerance
±0.5 mm
Weight
410 g
Physical
Cooling method
Free air convection
Safety
Agency Approvals
UL8750、IEC / EN 61347-2-13、 IEC / EN 61347-1
EMI (Conducted & Radiated Emission)
EN 55015
EMS (Noise Immunity)
EN 61547
EMC
Harmonic Current
EN 61000-3-2(at Full Load)、EN 61000-3-3
KEY FEATURES
Fully Isolated Plastic Case with IP67 Level
Constant Current
With Constant Current & Constant Voltage (C.C+C.V mode)
Universal Input: 100-240 VAC
With P.F.C. Function, PF>0.9
Free Air Convection
Protections: Over Load / Over Voltage / Short Circuit
High Reliability & Double Layered PCB
Ultra Compact Size: 4.92 x 2.36 x 1.38 Inches
3-Years Product Warranty


Similar Part No. - PLF60

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
PLF60-13.5S4200 ARCH-PLF60-13.5S4200 Datasheet
239Kb / 2P
Fully Isolated Plastic Case with IP67 Level
PLF60-24S2400 ARCH-PLF60-24S2400 Datasheet
239Kb / 2P
Fully Isolated Plastic Case with IP67 Level
PLF60-28S1400 ARCH-PLF60-28S1400 Datasheet
239Kb / 2P
Fully Isolated Plastic Case with IP67 Level
PLF60-28S2100 ARCH-PLF60-28S2100 Datasheet
239Kb / 2P
Fully Isolated Plastic Case with IP67 Level
PLF60-48S1050 ARCH-PLF60-48S1050 Datasheet
239Kb / 2P
Fully Isolated Plastic Case with IP67 Level
More results

Similar Description - PLF60

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DWS-EJS-VW1-1 DOMINANT-DWS-EJS-VW1-1 Datasheet
864Kb / 13P
Power LED
DWS-SJS-ST2-1 DOMINANT-DWS-SJS-ST2-1 Datasheet
880Kb / 13P
Power LED
logo
Lumileds Lighting Compa...
DS60 LUMILEDS-DS60 Datasheet
655Kb / 26P
power LED
logo
Everlight Electronics C...
31-01UTC-S463 EVERLIGHT-31-01UTC-S463 Datasheet
134Kb / 8P
POWER LED
logo
Arch Electronics Corp.
ALF60 ARCH-ALF60 Datasheet
276Kb / 5P
LED Power
ALF100 ARCH-ALF100 Datasheet
332Kb / 5P
LED Power
ALF150 ARCH-ALF150 Datasheet
332Kb / 5P
LED Power
APF60 ARCH-APF60 Datasheet
296Kb / 5P
LED Power
ZLF100 ARCH-ZLF100 Datasheet
300Kb / 2P
LED Power
QLF75 ARCH-QLF75_16 Datasheet
225Kb / 2P
LED Power
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com