Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZQF30-R-48S Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # ZQF30-R-48S
Description  LED Power
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ZQF30-R-48S Datasheet(HTML) 2 Page - Arch Electronics Corp.

  ZQF30-R-48S Datasheet HTML 1Page - Arch Electronics Corp. ZQF30-R-48S Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VER : B_0
update : 2012.01.20
LED Power
ZQF30(R) SERIES
30 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
MECHANICAL DIMENSION
( Top View )
DERATING
BLOCK DIAGRAM
PIN#
SINGLE
1
AC IN (N)
2
AC IN (L)
3
NC
4
+DC OUT
5
-DC OUT
Note:
1. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
2.Please check the derating curve for more details.
3.Input Voltage=115 / 230 VAC. This is the suitable operation region for LED related application.but please reconfirm special electrical requirements
for some specific ststem design.
4. CV mode only available in 115/230 VAC Input



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com