Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C503B-RAS Datasheet(PDF) 1 Page - Marktech Corporate

Part # C503B-RAS
Description  Cree짰 5-mm Red and Amber Round LEDs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C503B-RAS Datasheet(HTML) 1 Page - Marktech Corporate

  C503B-RAS Datasheet HTML 1Page - Marktech Corporate C503B-RAS Datasheet HTML 2Page - Marktech Corporate C503B-RAS Datasheet HTML 3Page - Marktech Corporate C503B-RAS Datasheet HTML 4Page - Marktech Corporate C503B-RAS Datasheet HTML 5Page - Marktech Corporate C503B-RAS Datasheet HTML 6Page - Marktech Corporate C503B-RAS Datasheet HTML 7Page - Marktech Corporate C503B-RAS Datasheet HTML 8Page - Marktech Corporate C503B-RAS Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Subject to change without notice.
www.cree.com/ledlamps
Cree® 5-mm Red and Amber Round LEDs
C503B-RAS/RAN/AAS/AAN (15 degrees)
C503B-RBS/RBN/ABS/ABN (23 degrees)
C503B-RCS/RCN/ACS/ACN (30 degrees)
Data Sheet
FEATURES
• Size (mm): 5
• Color and Typical Dominant Wavelength (nm):
»
Red (624)
»
Amber (591)
• Luminous Intensity (mcd)
»
C503B-RAS/RAN (5860 - 23500)
»
C503B-RBS/RBN (3000 - 12000)
»
C503B-RCS/RCN (3000 - 12000)
»
C503B-AAS/AAN (5860 - 23500)
»
C503B-ACS/ACN (3000 - 8200)
»
C503B-ABS/ABN (3000 - 12000)
• Viewing angle:
»
C503B-RAS/RAN/AAS/AAN: 15 degree
»
C503B-RBS/RBN/ABS/ABN: 23 degree
»
C503B-RCS/RCN/ACS/ACN: 30 degree
• Lead-Free
• RoHS-Compliant
APPLICATIONS
•ElectronicSigns&Signals(ESS)
•MotorwaySigns
•Variable-MessageSign(VMS)
•AdvertisingSigns
•PetrolSigns
•Amusement
These round LED families offer superior light output for excellent readability in outdoor
applications. The lamps are made with an advanced optical-grade epoxy that offers
superior high-temperature and high-moisture resistance performance in outdoor sign
and signal applications. The encapsulation resin contains UV inhibitors to minimize
the effects of long-term exposure to direct sunlight, resulting in stable light output
over the life of the LED.


Similar Part No. - C503B-RAS

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C503B-RAS CREE-C503B-RAS Datasheet
533Kb / 8P
5-mm Red and Amber Round LEDs
More results

Similar Description - C503B-RAS

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C503B-RAS CREE-C503B-RAS Datasheet
533Kb / 8P
5-mm Red and Amber Round LEDs
logo
Marktech Corporate
C503C-WAS MARKTECH-C503C-WAS Datasheet
722Kb / 9P
Cree짰 5-mm Round LED
C513A-WSS MARKTECH-C513A-WSS Datasheet
598Kb / 10P
Cree짰 5-mm Round LED
C503B-R-A MARKTECH-C503B-R-A Datasheet
815Kb / 13P
5-mm Red and Amber Round LEDs
C503B-R-A MARKTECH-C503B-R-A_15 Datasheet
815Kb / 13P
5-mm Red and Amber Round LEDs
logo
Cree, Inc
C503C-RCS CREE-C503C-RCS Datasheet
950Kb / 9P
Cree 5-mm Red and Amber Round LED
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AG70 AVAGO-HLMP-AG70 Datasheet
478Kb / 10P
5 mm Mini Oval Red and Amber LEDs
HLMP-EG1G-Y10DD AVAGO-HLMP-EG1G-Y10DD Datasheet
246Kb / 11P
T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
HLMP-EG1S-Z20DD AVAGO-HLMP-EG1S-Z20DD Datasheet
408Kb / 12P
T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
logo
Cree, Inc
C503T-RAS CREE-C503T-RAS Datasheet
1Mb / 8P
Cree짰 5-mm Red and Amber Round LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com