Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C503B-RAS-CZ0A0AA1 Datasheet(PDF) 8 Page - Marktech Corporate

Part # C503B-RAS-CZ0A0AA1
Description  Cree짰 5-mm Red and Amber Round LEDs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C503B-RAS-CZ0A0AA1 Datasheet(HTML) 8 Page - Marktech Corporate

Back Button C503B-RAS-CZ0A0AA1 Datasheet HTML 4Page - Marktech Corporate C503B-RAS-CZ0A0AA1 Datasheet HTML 5Page - Marktech Corporate C503B-RAS-CZ0A0AA1 Datasheet HTML 6Page - Marktech Corporate C503B-RAS-CZ0A0AA1 Datasheet HTML 7Page - Marktech Corporate C503B-RAS-CZ0A0AA1 Datasheet HTML 8Page - Marktech Corporate C503B-RAS-CZ0A0AA1 Datasheet HTML 9Page - Marktech Corporate C503B-RAS-CZ0A0AA1 Datasheet HTML 10Page - Marktech Corporate C503B-RAS-CZ0A0AA1 Datasheet HTML 11Page - Marktech Corporate C503B-RAS-CZ0A0AA1 Datasheet HTML 12Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
CLD-CT1079.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Graphs
FIG.2 RELATIVE LUMINOUS INTENSITY VS.
FORWARD CURRENT
IF(mA)
VF(V)
2.4
FORWARD VOLTAGE.
FIG.1 FORWARD CURRENT VS.
20.0
2.0
0.0
2.2
2.6
2.8
60.0
40.0
80.0
100.0
IF (mA)
1.8
0.0
1.0
4.0
2.0
3.0
5.0
40
0.0
20
80
60
100
Red
Amber
Red
FIG.5 RED & AMBER MAXIMUM FORWARD
DCCURRENT VS AMBIENT
TEMPERATURE (Tjmax=105 C)
-10
VS. REVERSE VOLTAGE.
FIG.3 RED & AMBER REVERSE CURRENT
-50
Vr(V)
-30
-40
-20
-40
Ir(uA)
-50
-30
-20
-10
0
-60
Amber
FIG.4 RELATIVE LUMINOUS INTENSITY VS.
(RELATIVE LUMINOUS INTENSITY)
WAVELENGTH.
WL(nm)
80%
20%
40%
60%
0%
100%
700
300
500
400
600
800
900
Red
Amber
IV(%)
IF(mA)
0
60
20
40
100
80
40
20
80
60
100
0
Ta( C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com