Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C503C-WAS-CCaDa231 Datasheet(PDF) 3 Page - Marktech Corporate

Part # C503C-WAS-CCaDa231
Description  Cree짰 5-mm Round LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C503C-WAS-CCaDa231 Datasheet(HTML) 3 Page - Marktech Corporate

  C503C-WAS-CCaDa231 Datasheet HTML 1Page - Marktech Corporate C503C-WAS-CCaDa231 Datasheet HTML 2Page - Marktech Corporate C503C-WAS-CCaDa231 Datasheet HTML 3Page - Marktech Corporate C503C-WAS-CCaDa231 Datasheet HTML 4Page - Marktech Corporate C503C-WAS-CCaDa231 Datasheet HTML 5Page - Marktech Corporate C503C-WAS-CCaDa231 Datasheet HTML 6Page - Marktech Corporate C503C-WAS-CCaDa231 Datasheet HTML 7Page - Marktech Corporate C503C-WAS-CCaDa231 Datasheet HTML 8Page - Marktech Corporate C503C-WAS-CCaDa231 Datasheet HTML 9Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
CLD-CT1098.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Intensity Bin Limit (I
F = 20 mA)
Cool White(C503C-WAS/WAN)
Bin Code
Min. (mcd)
Max. (mcd)
Ba
16800
20150
Bb
20150
23500
Ca
23500
28200
Cb
28200
32900
Da
32900
39500
Color Bin Limit (I
F = 20 mA)
Tolerance of measurement of luminous intensity is ±15%.
Tolerance of measurement of
the color coordinates is ±0.01.
Bin
Code
Sub-
bin
x
y
W1
Wa
0.2545
0.2480
0.2633
0.2410
0.2545
0.2245
0.2450
0.2290
Wb
0.2633
0.2410
0.2720
0.2340
0.2640
0.2200
0.2545
0.2245
Wc
0.2545
0.2480
0.2640
0.2670
0.2720
0.2575
0.2633
0.2410
Wd
0.2633
0.2410
0.2720
0.2575
0.2800
0.2480
0.2720
0.2340
W2
We
0.2640
0.2670
0.2735
0.2860
0.2808
0.2740
0.2720
0.2575
Wf
0.2720
0.2575
0.2808
0.2740
0.2880
0.2620
0.2800
0.2480
Wg
0.2735
0.2860
0.2830
0.3050
0.2895
0.2905
0.2808
0.2740
Wh
0.2808
0.2740
0.2895
0.2905
0.2960
0.2760
0.2880
0.2620
Bin
Code
Sub-
bin
x
y
W3
Wj
0.2830
0.3050
0.2950
0.3210
0.2998
0.3028
0.2895
0.2905
Wk
0.2895
0.2905
0.2998
0.3028
0.3045
0.2865
0.2960
0.2760
Wm
0.2950
0.3210
0.3070
0.3370
0.3100
0.3150
0.2998
0.3028
Wn
0.2998
0.3028
0.3100
0.3150
0.3130
0.2970
0.3045
0.2865
W4
Wp
0.3070
0.3370
0.3185
0.3485
0.3200
0.3270
0.3100
0.3150
Wq
0.3100
0.3150
0.3200
0.3270
0.3215
0.3075
0.3130
0.2970
Wr
0.3185
0.3485
0.3300
0.3600
0.3300
0.3390
0.3200
0.3270
Ws
0.3200
0.3270
0.3300
0.3390
0.3300
0.3180
0.3215
0.3075
Bin
Code
Sub-
bin
x
y
W5
Wt
0.3300
0.3600
0.3455
0.3725
0.3443
0.3535
0.3300
0.3390
Wu
0.3300
0.3390
0.3443
0.3535
0.3430
0.3345
0.3300
0.3180
Wv
0.3455
0.3725
0.3610
0.3850
0.3585
0.3680
0.3443
0.3535
Ww
0.3443
0.3535
0.3585
0.3680
0.3560
0.3510
0.3430
0.3345
VF Bin Limit (I
F = 20 mA)
Cool White (C503C-WAS/WAN)
Bin Code
Min. (V)
Max. (V)
27
2.8
3.0
28
3.0
3.2
29
3.2
3.4
2a
3.4
3.6
2b
3.6
3.8
2c
3.8
4.0
Tolerance of measurement of VF is ±0.05 V.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com