Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5SMF-RJS-CV14QBB1 Datasheet(PDF) 4 Page - Marktech Corporate

Part # C5SMF-RJS-CV14QBB1
Description  Cree짰 Screen Master짰 5-mm Oval LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C5SMF-RJS-CV14QBB1 Datasheet(HTML) 4 Page - Marktech Corporate

  C5SMF-RJS-CV14QBB1 Datasheet HTML 1Page - Marktech Corporate C5SMF-RJS-CV14QBB1 Datasheet HTML 2Page - Marktech Corporate C5SMF-RJS-CV14QBB1 Datasheet HTML 3Page - Marktech Corporate C5SMF-RJS-CV14QBB1 Datasheet HTML 4Page - Marktech Corporate C5SMF-RJS-CV14QBB1 Datasheet HTML 5Page - Marktech Corporate C5SMF-RJS-CV14QBB1 Datasheet HTML 6Page - Marktech Corporate C5SMF-RJS-CV14QBB1 Datasheet HTML 7Page - Marktech Corporate C5SMF-RJS-CV14QBB1 Datasheet HTML 8Page - Marktech Corporate C5SMF-RJS-CV14QBB1 Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
CLD-CT201.003
Cree,Inc.
4600 Silicon Drive
Durham,NC27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright©2009Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Cree,the
CreelogoandScreenMasterareregisteredtrademarksofCree,Inc.
Order Code Table*
C5SMF
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Pack-
age
Min.
Max.
Color Bin
Min.
(nm)
Color Bin
Max. (nm)
Red
C5SMF-RJS-CT0W0BB1
1100
4180
RB
619
RB
624
Bulk
Red
C5SMF-RJS-CT14QBB1
Any 4 consecutive sub-bins: T1 (1100) - U2 (1824)
RB
619
RB
624
Bulk
Red
C5SMF-RJS-CT34QBB1
Any 4 consecutive sub-bins: T3 (1310) - U4 (2130)
RB
619
RB
624
Bulk
Red
C5SMF-RJS-CU14QBB1
Any 4 consecutive sub-bins: U1 (1520) - V2 (2564)
RB
619
RB
624
Bulk
Red
C5SMF-RJS-CU34QBB1
Any 4 consecutive sub-bins: U3 (1824) - V4 (3000)
RB
619
RB
624
Bulk
Red
C5SMF-RJS-CV14QBB1
Any 4 consecutive sub-bins: V1 (2130) - W2
(3590)
RB
619
RB
624
Bulk
Red
C5SMF-RJS-CT0W0BB2
1100
4180
RB
619
RB
624
Ammo
Red
C5SMF-RJS-CT14QBB2
Any 4 consecutive sub-bins: T1 (1100) - U2 (1824)
RB
619
RB
624
Ammo
Red
C5SMF-RJS-CT34QBB2
Any 4 consecutive sub-bins: T3 (1310) - U4 (2130)
RB
619
RB
624
Ammo
Red
C5SMF-RJS-CU14QBB2
Any 4 consecutive sub-bins: U1 (1520) - V2 (2564)
RB
619
RB
624
Ammo
Red
C5SMF-RJS-CU34QBB2
Any 4 consecutive sub-bins: U3 (1824) - V4 (3000)
RB
619
RB
624
Ammo
Red
C5SMF-RJS-CV14QBB2
Any 4 consecutive sub-bins: V1 (2130) - W2
(3590)
RB
619
RB
624
Ammo
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Pack-
age
Min.
Max.
Color Bin
Min.
(nm)
Color Bin
Max. (nm)
Green
C5SMF-GJS-CV0Y0791
2130
8200
G7
520
G9
535
Bulk
Green
C5SMF-GJS-CV14Q7S1
Any 4 consecutive sub-bins: V1 (2130) - W2 (3590)
Any1colorbinfromG7(520nm)toG9(535nm)
Bulk
Green
C5SMF-GJS-CV14Q7T1
Any 4 consecutive sub-bins: V1 (2130) - W2 (3590)
Any1colorbinfromG7(520nm)toG8(530nm)
Bulk
Green C5SMF-GJS-CW14Q7T1
Any 4 consecutive sub-bins: W1 (3000) - X2 (5020)
Any1colorbinfromG7(520nm)toG8(530nm)
Bulk
Green C5SMF-GJS-CW34Q7T1
Any 4 consecutive sub-bins: W3 (3590) - X4 (5860)
Any1colorbinfromG7(520nm)toG8(530nm)
Bulk
Green
C5SMF-GJS-CX14Q7T1
Any 4 consecutive sub-bins: X1 (4180) - Y2 (7030)
Any1colorbinfromG7(520nm)toG8(530nm)
Bulk
Green
C5SMF-GJS-CV0Y0792
2130
8200
G7
520
G9
535
Ammo
Green
C5SMF-GJS-CV14Q7S2
Any 4 consecutive sub-bins: V1 (2130) - W2 (3590)
Any1colorbinfromG7(520nm)toG9(535nm)
Ammo
Green
C5SMF-GJS-CV14Q7T2
Any 4 consecutive sub-bins: V1 (2130) - W2 (3590)
Any1colorbinfromG7(520nm)toG8(530nm)
Ammo
Green C5SMF-GJS-CW14Q7T2
Any 4 consecutive sub-bins: W1 (3000) - X2 (5020)
Any1colorbinfromG7(520nm)toG8(530nm)
Ammo
Green C5SMF-GJS-CW34Q7T2
Any 4 consecutive sub-bins: W3 (3590) - X4 (5860)
Any1colorbinfromG7(520nm)toG8(530nm)
Ammo
Green
C5SMF-GJS-CX14Q7T2
Any 4 consecutive sub-bins: X1 (4180) - Y2 (7030)
Any1colorbinfromG7(520nm)toG8(530nm)
Ammo



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com