Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C503C-WAS-CBbDa232 Datasheet(PDF) 2 Page - Marktech Corporate

Part # C503C-WAS-CBbDa232
Description  Cree짰 5-mm Round LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C503C-WAS-CBbDa232 Datasheet(HTML) 2 Page - Marktech Corporate

  C503C-WAS-CBbDa232 Datasheet HTML 1Page - Marktech Corporate C503C-WAS-CBbDa232 Datasheet HTML 2Page - Marktech Corporate C503C-WAS-CBbDa232 Datasheet HTML 3Page - Marktech Corporate C503C-WAS-CBbDa232 Datasheet HTML 4Page - Marktech Corporate C503C-WAS-CBbDa232 Datasheet HTML 5Page - Marktech Corporate C503C-WAS-CBbDa232 Datasheet HTML 6Page - Marktech Corporate C503C-WAS-CBbDa232 Datasheet HTML 7Page - Marktech Corporate C503C-WAS-CBbDa232 Datasheet HTML 8Page - Marktech Corporate C503C-WAS-CBbDa232 Datasheet HTML 9Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
CLD-CT1098.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Absolute Maximum Ratings (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Forward Current
I
F
30
mA
Peak Forward Current Note
I
FP
100
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
120
mW
Operation Temperature
T
opr
-40 ~ +95
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Lead Soldering Temperature
T
sol
Max. 260°C for 3 sec. max.
(3 mm from the base of the epoxy bulb)
Note: Pulsewidth≤0.1msec,duty≤1/10.
Typical Electrical & Optical Characteristics (T
A = 25°C)
Characteristics
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
WAS/WAN
V
F
I
F = 20 mA
V
3.2
4.0
Reverse Current
WAS/WAN
I
R
V
R = 5 V
μA
100
Luminous Intensity
WAS/WAN
I
V
I
F = 20 mA
mcd
16800
24000
Chromaticity
Coordinates
WAS/WAN
x
I
F = 20 mA
0.2895
y
I
F = 20 mA
0.2905
50% Power Angle
WAS/WAN
2θ½
I
F = 20 mA
deg
15



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com