Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM4B-RKW-CWaXbAA3 Datasheet(PDF) 3 Page - Marktech Corporate

Part # CLM4B-RKW-CWaXbAA3
Description  Cree짰 PLCC4 1 in 1 SMD LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CLM4B-RKW-CWaXbAA3 Datasheet(HTML) 3 Page - Marktech Corporate

  CLM4B-RKW-CWaXbAA3 Datasheet HTML 1Page - Marktech Corporate CLM4B-RKW-CWaXbAA3 Datasheet HTML 2Page - Marktech Corporate CLM4B-RKW-CWaXbAA3 Datasheet HTML 3Page - Marktech Corporate CLM4B-RKW-CWaXbAA3 Datasheet HTML 4Page - Marktech Corporate CLM4B-RKW-CWaXbAA3 Datasheet HTML 5Page - Marktech Corporate CLM4B-RKW-CWaXbAA3 Datasheet HTML 6Page - Marktech Corporate CLM4B-RKW-CWaXbAA3 Datasheet HTML 7Page - Marktech Corporate CLM4B-RKW-CWaXbAA3 Datasheet HTML 8Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
CLD-CT1087.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Intensity Bin Limit (I
F = 50 mA)
Red (CLM4B-RKW)
Bin Code
Min.(mcd)
Max.(mcd)
Wa
1120
1400
Wb
1400
1800
Xa
1800
2240
Xb
2240
2800
Color Bin Limit (I
F = 50 mA)
Amber (CLM4B-AKW)
Bin Code
Min.(mcd)
Max.(mcd)
Wa
1120
1400
Wb
1400
1800
Xa
1800
2240
Xb
2240
2800
Tolerance of measurement of luminous intensity is ±10%.
Red (CLM4B-RKW)
Bin Code
Min.(nm)
Max.(nm)
RA
618
630
Amber (CLM4B-AKW)
Bin Code
Min.(nm)
Max.(nm)
A2
584
587
A3
587
590
A4
590
593
A5
593
596
A6
596
599
Tolerance of measurement of dominant wavelength is ±1 nm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com