Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP42B-RKS Datasheet(PDF) 3 Page - Marktech Corporate

Part # CP42B-RKS
Description  Cree짰 P4 LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CP42B-RKS Datasheet(HTML) 3 Page - Marktech Corporate

  CP42B-RKS Datasheet HTML 1Page - Marktech Corporate CP42B-RKS Datasheet HTML 2Page - Marktech Corporate CP42B-RKS Datasheet HTML 3Page - Marktech Corporate CP42B-RKS Datasheet HTML 4Page - Marktech Corporate CP42B-RKS Datasheet HTML 5Page - Marktech Corporate CP42B-RKS Datasheet HTML 6Page - Marktech Corporate CP42B-RKS Datasheet HTML 7Page - Marktech Corporate CP42B-RKS Datasheet HTML 8Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
CLD-CT1133.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Flux Bin Limit (I
F = 70 mA)
• Tolerance of measurement of luminous flux is ±15%
Color Bin Limit (I
F = 70 mA)
VF Bin Limit (I
F = 70 mA)
• Tolerance of measurement of dominant wavelength is ±1 nm
Red
Bin Code
Min.(V)
Max.(V)
23
2.0
2.2
24
2.2
2.4
25
2.4
2.6
26
2.6
2.8
27
2.8
3.0
Amber
Bin Code
Min.(V)
Max.(V)
23
2.0
2.2
24
2.2
2.4
25
2.4
2.6
26
2.6
2.8
27
2.8
3.0
• Tolerance of measurement of VF is ± 0.05V
Amber
Bin Code
Min.(nm)
Max.(nm)
A2
584
587
A3
587
590
A4
590
593
A5
593
596
A6
596
599
Red
Bin Code
Min.(nm)
Max.(nm)
RA
618
630
Red
Bin Code
Min.(mlm)
Max.(mlm)
L0
4400
5500
M0
5500
6600
N0
6600
8730
P0
8730
11000
Amber
Bin Code
Min.(mlm)
Max.(mlm)
M0
5500
6600
N0
6600
8730
P0
8730
11000
Q0
11000
13200



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com