Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSB5SAA201A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSB5SAA201A
Description  10mm Bullet Super Blue LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSB5SAA201A Datasheet(HTML) 1 Page - OptoSupply International

  OSB5SAA201A Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
10mm Bullet Super Blue LED
OSB5SAA201A
■
Features
■
Outline Dimension
●
High Luminous LEDs
●
10mm Bullet Standard Directivity
●
Superior Weather-resistance
●
UV Resistant Epoxy
●
Water Clear Type
■
Applications
●
Electronic Signs And Signals
●
Small Area Illuminations
●
Back Lighting
●
Other Lighting
2.54
12
0.5±0.05
1.Anode
2.Cathode
Unit:mm
Tolerance:±0.30mm
10.0
9.9
R3
.85
■
Absolute Maximum Rating
(Ta=25℃)
■
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
30
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
108
mW
Operating Temperature
Topr
-30 ~ +85
℃
Storage Temperature
Tstg
-40~ +100
℃
Lead Soldering Temperature
Tsol
260℃/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0.5
30°
90°
60°
0
0
0.5
30°
60°
90°
11
■
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
2.9
3.1
3.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength*
λD
IF=20mA
465
470
475
nm
Luminous Intensity*
Iv
IF=20mA
14400
18000
-
mcd
50% Power Angle
2θ1/2
IF=20mA
-
8
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSB5SAA201A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB5SAA201A OPTOSUPPLY-OSB5SAA201A Datasheet
96Kb / 1P
10mm Bullet Super Blue LED
More results

Similar Description - OSB5SAA201A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB5SAA201A OPTOSUPPLY-OSB5SAA201A Datasheet
96Kb / 1P
10mm Bullet Super Blue LED
OSK5DAA201A OPTOSUPPLY-OSK5DAA201A Datasheet
96Kb / 1P
10mm Bullet Pink LED
OSK5DLA201A OPTOSUPPLY-OSK5DLA201A Datasheet
96Kb / 1P
10mm Bullet Pink LED
OSO5SAA201A OPTOSUPPLY-OSO5SAA201A Datasheet
96Kb / 1P
10mm Bullet Orange LED
OSR5SAA201A OPTOSUPPLY-OSR5SAA201A Datasheet
96Kb / 1P
10mm Bullet Red LED
OSV5HAA201A OPTOSUPPLY-OSV5HAA201A Datasheet
96Kb / 1P
10mm Bullet Violet LED
OSY5SAA201A OPTOSUPPLY-OSY5SAA201A Datasheet
96Kb / 1P
10mm Bullet Yellow LED
OSK5DKA201A OPTOSUPPLY-OSK5DKA201A Datasheet
137Kb / 1P
10mm Bullet Pink LED
OSV5YLA201A OPTOSUPPLY-OSV5YLA201A Datasheet
103Kb / 1P
10mm Bullet Violet LED
OS5RPMA201A OPTOSUPPLY-OS5RPMA201A Datasheet
65Kb / 1P
10mm Bullet Red LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com