Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSB5SS5A31A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSB5SS5A31A
Description  5mm Round Flashing Super Blue LED 1.8Hz 1/2 Duty Cycle
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSB5SS5A31A Datasheet(HTML) 1 Page - OptoSupply International

  OSB5SS5A31A_11 Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
5
5m
mm
m R
Ro
ou
un
nd
d F
Flla
assh
hiin
ng
g S
Su
up
pe
er
r B
Bllu
ue
e L
LE
ED
D
1
1..8
8H
Hz
z 1
1//2
2 D
Du
utty
y C
Cy
yc
clle
e
OSB5SS5A31A
■Features
■Outline Dimension
●
High Luminous LEDs
●
5mm Round Standard Directivity
●
Superior Weather-resistance
●
Flashing Type
●
Water Clear Type
■Applications
●
Toys
●
Games
●
Audio
●
Other Lighting
Unit:mm
Tolerance:+0.3mm
1
2
1:Anode
2:Cathode
5.0
0.5+0.1
2.54
■Absolute Maximum Rating
(Ta=25℃)
■Directivity
Item
Symbol
Value
Unit
Power Supply
Voltage
4.5
V
Operating Temperature
Topr
-30 ~ +85
℃
Storage Temperature
Tstg
-40~ +100
℃
Lead Soldering Temperature
Tsol
260
℃/5sec
-
0.5
30°
90°
60°
0
0
0.5
30°
60°
90°
11
■Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbo
l
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
Vdd
IF=20mA
3.0
3.3
4.5
V
Oscillator Frequency*
Fled
IF=20mA
-
1.8
-
Hz
Duty Cycle
Duty
IF=20mA
-
1/2
-
-
Domi. Wavelength*
λD
IF=20mA
465
470
475
nm
Luminous Intensity*
Iv
IF=20mA
2000
2500
-
mcd
50% Power Angle
2θ1/2
IF=20mA
-
30
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
*3 Tolerance of
Frequency is +20%
LED & Application Technologies


Similar Part No. - OSB5SS5A31A_11

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB5SS5A31A OPTOSUPPLY-OSB5SS5A31A Datasheet
95Kb / 1P
5mm Round Flashing Blue LED
More results

Similar Description - OSB5SS5A31A_11

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSO5JS5A31A OPTOSUPPLY-OSO5JS5A31A Datasheet
101Kb / 1P
5mm Round Flashing Super Orange LED 1.8Hz 1/2 Duty Cycle
OSR5RS5A31A OPTOSUPPLY-OSR5RS5A31A Datasheet
101Kb / 1P
5mm Round Flashing Super Red LED 1.8Hz 1/2 Duty Cycle
OSY5MS5A31A OPTOSUPPLY-OSY5MS5A31A Datasheet
102Kb / 1P
5mm Round Flashing Phoenix Yellow LED 1.8Hz 1/2 Duty Cycle
OSY5RS5A31A OPTOSUPPLY-OSY5RS5A31A Datasheet
102Kb / 1P
5mm Round Flashing Super Yellow LED 1.8Hz 1/2 Duty Cycle
OSB5SS3131A OPTOSUPPLY-OSB5SS3131A_11 Datasheet
106Kb / 1P
3mm Round Flashing Super Blue LED 1.8Hz 1/2 Duty Cycle
OSG3DS5A31A OPTOSUPPLY-OSG3DS5A31A_11 Datasheet
105Kb / 1P
5mm Round Flashing Blusih Green LED 1.8Hz 1/2 Duty Cycle
OSG5DS5A31A OPTOSUPPLY-OSG5DS5A31A_11 Datasheet
105Kb / 1P
5mm Round Flashing Pure Green LED 1.8Hz 1/2 Duty Cycle
OSO5MS5A31A OPTOSUPPLY-OSO5MS5A31A_11 Datasheet
105Kb / 1P
5mm Round Flashing Phoenix Orange LED 1.8Hz 1/2 Duty Cycle
OSR5MS5A31A OPTOSUPPLY-OSR5MS5A31A_11 Datasheet
105Kb / 1P
5mm Round Flashing Phoenix Red LED 1.8Hz 1/2 Duty Cycle
OSY5MS5A31A OPTOSUPPLY-OSY5MS5A31A_11 Datasheet
106Kb / 1P
5mm Round Flashing Phoenix Yellow LED 1.8Hz 1/2 Duty Cycle
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com