Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSG5DA57E1A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSG5DA57E1A
Description  5mm Flat Pure Green LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSG5DA57E1A Datasheet(HTML) 1 Page - OptoSupply International

  OSG5DA57E1A_09 Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
5mm Flat Pure Green LED
OSG5DA57E1A
■
Features
■
Outline Dimension
●
High Luminous LEDs
●
5mm Flat Standard Directivity
●
Superior Weather-resistance
●
UV Resistant Epoxy
●
Water Clear Type
■
Applications
●
Electronic Signs And Signals
●
Small Area Illuminations
●
Back Lighting
●
Other Lighting
0.5±0.05
1.Anode
2.Cathode
Unit:mm
Tolerance:±0.30mm
1 2
5.0
2.54
■
Absolute Maximum Rating
(Ta=25℃)
■
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
30
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
108
mW
Operating Temperature
Topr
-30 ~ +85
℃
Storage Temperature
Tstg
-40~ +100
℃
Lead Soldering Temperature
Tsol
260℃/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
30°
90°
60°
0
0
90°
30°
60°
0.5
0.5
11
■
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
2.9
3.1
3.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength*
λD
IF=20mA
520
525
530
nm
Luminous Intensity*
Iv
IF=20mA
1560
2000
-
mcd
50% Power Angle
2θ1/2
IF=20mA
-
140
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSG5DA57E1A_09

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG5DA57E1A OPTOSUPPLY-OSG5DA57E1A Datasheet
98Kb / 1P
5mm Flat Pure Green LED
More results

Similar Description - OSG5DA57E1A_09

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG5D35141R OPTOSUPPLY-OSG5D35141R Datasheet
96Kb / 1P
Tpower 5mm Pure Green LED
OSG5DA56A1A OPTOSUPPLY-OSG5DA56A1A Datasheet
101Kb / 1P
5mm Straw Pure Green LED
OSG5DA57E1A OPTOSUPPLY-OSG5DA57E1A Datasheet
98Kb / 1P
5mm Flat Pure Green LED
OSG5XA5141R OPTOSUPPLY-OSG5XA5141R Datasheet
97Kb / 1P
Tpower 5mm Pure Green LED
OSW5DA57E1A OPTOSUPPLY-OSW5DA57E1A Datasheet
98Kb / 1P
5mm Flat Pure White LED
OSW5DL57E1A OPTOSUPPLY-OSW5DL57E1A Datasheet
98Kb / 1P
5mm Flat Pure White LED
OSW5DK57E1A OPTOSUPPLY-OSW5DK57E1A Datasheet
136Kb / 1P
5mm Flat Pure White LED
OSG5DA56A1A OPTOSUPPLY-OSG5DA56A1A_09 Datasheet
155Kb / 1P
5mm Straw Pure Green LED
OSG5DA5111A OPTOSUPPLY-OSG5DA5111A_09 Datasheet
105Kb / 1P
5mm Round Pure Green LED
OSG5DA5201A OPTOSUPPLY-OSG5DA5201A_09 Datasheet
137Kb / 1P
5mm Bullet Pure Green LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com