Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N40L-T92-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 1N40L-T92-R
Description  1A, 400V N-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N40L-T92-R Datasheet(HTML) 2 Page - Unisonic Technologies

  1N40L-T92-R Datasheet HTML 1Page - Unisonic Technologies 1N40L-T92-R Datasheet HTML 2Page - Unisonic Technologies 1N40L-T92-R Datasheet HTML 3Page - Unisonic Technologies 1N40L-T92-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1N40
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-529.b
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
400
V
Gate-Source Voltage
VGSS
±30
V
Continuous (TC=25°C)
ID
1.4
A
Drain Current
Pulsed (Note 2)
IDM
5.6
A
Avalanche Current (Note 2)
IAR
1.4
A
Single Pulsed (Note 3)
EAS
85
mJ
Avalanche Energy
Repetitive (Note 2)
EAR
2.5
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
TO-220
25
W
Power Dissipation
TO-92
2.5
W
TO-220
0.2
W/°C
Derate above 25°C
TO-92
PD
0.02
W/°C
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature
3. L = 75mH, IAS = 1.4A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
4. ISD ≤ 1.8A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220
62.5
Junction to Ambient
TO-92
θJA
140
°C/W
TO-220
5.0
Junction to Case
TO-92
θJC
50
°C/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com