Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSR5CAS3C1A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSR5CAS3C1A
Description  3.5x2.8x1.9mm Power Top Commercial Red SMD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSR5CAS3C1A Datasheet(HTML) 1 Page - OptoSupply International

  OSR5CAS3C1A_11 Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
3
3..5
5x
x2
2..8
8x
x1
1..9
9m
mm
m P
Po
ow
we
er
r T
To
op
p C
Co
om
mm
me
er
rc
ciia
all R
Re
ed
d S
SM
MD
D
L
LE
ED
D
OSR5CAS3C1A
■
Features
■
Outline Dimension
●
High Luminous P
PL
LC
CC
C44 P
Poow
weerr T
Toopp S
SM
MD
D LEDs
●
33..55xx22..88xx11..99mm Standard Directivity
●
Superior Weather-resistance
●
UV Resistant Silicone
●
Water Clear Type
■
Applications
●
Signage and channel letter
●
Decorating and entertainment lighting
●
Architectural lighting
●
Outdoor/Indoor applications
●
Backlighting/Other Lighting
1.9
2.8
0.1Typ.
2.2
0.75
1
2
4
3
1
2
3
4
1.Cathode
2,3,4. Anode
Unit:mm
Tolerance:±0.30mm
■
Absolute Maximum Rating
(Ta=25℃)
■
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
70
mA
Pulse Forward Current*
IFP
120
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
182
mW
Operating Temperature
Topr
-30 ~ +85
℃
Storage Temperature
Tstg
-40~ +100
℃
Lead Soldering Temperature
Tsol
260
℃/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
■
Electrical -Optical Characteristics
(Ta=25℃)
■Maximum Forward DC Current
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=70mA
2.0
2.3
2.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength*
λD
IF=70mA
619
624
629
nm
Luminous Intensity*
Iv
IF=70mA
2180
2800
-
mcd
50% Power Angle
2θ1/2
IF=70mA
-
120
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies
Rth(J-a)=300°C/W
Rth(J-a)=250°C/W
Rth(J-a)=200°C/W
70
50
30
20
Maximun Permissible Forward Current Tj=115°C
40
20
0
0
10
Ta(Ambient Temperature -°C)
40
60
80 90
80
60


Similar Part No. - OSR5CAS3C1A_11

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSR5CAS3C1A OPTOSUPPLY-OSR5CAS3C1A Datasheet
102Kb / 1P
3.5x2.8x1.9mm Commercial Red Power Top SMD LED
More results

Similar Description - OSR5CAS3C1A_11

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSR5CAS3C1A OPTOSUPPLY-OSR5CAS3C1A Datasheet
102Kb / 1P
3.5x2.8x1.9mm Commercial Red Power Top SMD LED
OSR5XAS3C1H OPTOSUPPLY-OSR5XAS3C1H Datasheet
99Kb / 1P
3.5x2.8x1.9mm Red Power Top H SMD LED
OSY5CAS3C1A OPTOSUPPLY-OSY5CAS3C1A Datasheet
102Kb / 1P
3.5x2.8x1.9mm Commercial Yellow Power Top SMD LED
OSO5CAS3C1A OPTOSUPPLY-OSO5CAS3C1A Datasheet
108Kb / 1P
3.5x2.8x1.9mm Power Top Commercial Orange SMD LED
OSR5M3S3C1A OPTOSUPPLY-OSR5M3S3C1A Datasheet
109Kb / 1P
3.5x2.8x1.9mm Phoenix Red Power Top SMD LED
OSR5MTS5C1A OPTOSUPPLY-OSR5MTS5C1A Datasheet
158Kb / 1P
3.5x2.8x1.9mm Phoenix Red Top SMD LED
OSR7CAS3C1A OPTOSUPPLY-OSR7CAS3C1A Datasheet
112Kb / 1P
3.5x2.8x1.9mm Power Top Red SMD LED
OSO5CAS3C1A OPTOSUPPLY-OSO5CAS3C1A_11 Datasheet
112Kb / 1P
3.5x2.8x1.9mm Power Top Commercial Orange SMD
OSR5M3S3C1A OPTOSUPPLY-OSR5M3S3C1A_11 Datasheet
113Kb / 1P
3.5x2.8x1.9mm Phoenix Red Power Top SMD
OSY5CAS3C1A OPTOSUPPLY-OSY5CAS3C1A_11 Datasheet
112Kb / 1P
3.5x2.8x1.9mm Power Top Commercial Yellow SMD LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com