Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N50L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2N50L-TN3-R
Description  2A, 500V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N50L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2N50L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2N50L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2N50L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2N50L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 2N50L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 2N50L-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2N50
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-547.b
2A, 500V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 2N50 is an N-channel mode power MOSFET using
UTC’s advanced technology to provide customers with planar stripe
and DMOS technology. This technology allows a minimum on-state
resistance and superior switching performance. It also can withstand
high energy pulse in the avalanche and commutation mode.
The UTC 2N50 is generally applied in high efficiency switch mode
power supplies, active power factor correction and electronic lamp
ballasts based on half bridge topology.
FEATURES
* RDS(ON)= 4.9Ω @ VGS=10V
* High Switching Speed
* 100% Avalanche Tested
SYMBOL
1.Gate
3.Source
2.Drain
1
TO-252
1
TO-220F
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
2N50L-TF3-T
2N50G-TF3-T
TO-220F
G
D
S
Tube
2N50L-TN3-R
2N50G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - 2N50L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N50L-TN3-R UTC-2N50L-TN3-R Datasheet
173Kb / 6P
2 Amps, 500 Volts N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
2N50L-TN3-R VBSEMI-2N50L-TN3-R Datasheet
1Mb / 9P
Power MOSFET
More results

Similar Description - 2N50L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
JANSR2N7398 INTERSIL-JANSR2N7398 Datasheet
45Kb / 8P
2A, 500V, 2.50 Ohm, Rad Hard, N-Channel Power MOSFET
June 1998
logo
Taiwan Semiconductor Co...
TSM4ND50 TSC-TSM4ND50 Datasheet
704Kb / 8P
500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50 Datasheet
218Kb / 7P
500V N-Channel Power MOSFET
TSM5ND50 TSC-TSM5ND50_11 Datasheet
310Kb / 9P
500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_10 Datasheet
309Kb / 8P
500V N-Channel Power MOSFET
TSM4NB50 TSC-TSM4NB50 Datasheet
187Kb / 7P
500V N-Channel Power MOSFET
TSM5NB50 TSC-TSM5NB50_14 Datasheet
1Mb / 10P
500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_12 Datasheet
529Kb / 10P
500V N-Channel Power MOSFET
logo
Rohm
RDD022N50 ROHM-RDD022N50 Datasheet
815Kb / 15P
Nch 500V 2A Power MOSFET
RDD023N50 ROHM-RDD023N50 Datasheet
837Kb / 15P
Nch 500V 2A Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com