Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N60LL-TN3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 2N60LL-TN3-R
Description  2A, 600V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N60LL-TN3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  2N60LL-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2N60LL-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2N60LL-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2N60LL-TN3-R Datasheet HTML 4Page - Unisonic Technologies 2N60LL-TN3-R Datasheet HTML 5Page - Unisonic Technologies 2N60LL-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N60L
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-472.d
TEST CIRCUITS AND WAVEFORMS
Same Type
as D.U.T.
L
VDD
Driver
VGS
RG
-
VDS
D.U.T.
+
* dv/dt controlled by RG
* ISD controlled by pulse period
* D.U.T.-Device Under Test
-
+
Peak Diode Recovery dv/dt Test Circuit
P. W.
Period
D=
VGS
(Driver)
ISD
(D.U.T.)
IFM, Body Diode Forward Current
di/dt
IRM
Body Diode Reverse Current
Body Diode Recovery dv/dt
Body Diode
Forward Voltage Drop
VDD
10V
VDS
(D.U.T.)
VGS=
P.W.
Period
Peak Diode Recovery dv/dt Waveforms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com