Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N80G-TM3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2N80G-TM3-R
Description  2A, 800V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N80G-TM3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  2N80G-TM3-R Datasheet HTML 1Page - Unisonic Technologies 2N80G-TM3-R Datasheet HTML 2Page - Unisonic Technologies 2N80G-TM3-R Datasheet HTML 3Page - Unisonic Technologies 2N80G-TM3-R Datasheet HTML 4Page - Unisonic Technologies 2N80G-TM3-R Datasheet HTML 5Page - Unisonic Technologies 2N80G-TM3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2N80
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-480.C
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
SWITCHING PARAMETERS
Total Gate Charge
QG
VGS=10V, VDS=640V,
ID=2.4A (Note 1,2)
12
15
nC
Gate to Source Charge
QGS
2.6
nC
Gate to Drain Charge
QGD
6.0
nC
Turn-ON Delay Time
tD(ON)
VDD=400V, ID=2.4A,
RG=25Ω (Note 1,2)
12
35
ns
Rise Time
tR
30
70
ns
Turn-OFF Delay Time
tD(OFF)
25
60
ns
Fall-Time
tF
28
65
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Continuous Drain-Source Diode
Forward Current
IS
2.4
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
9.6
A
Drain-Source Diode Forward Voltage
VSD
IS=2.4A, VGS=0V
1.4
V
Reverse Recovery Time (Note 1)
tRR
IS=2.4A, VGS=0V,
dIF/dt=100A/µs
480
ns
Reverse Recovery Charge (Note 1)
QRR
2.0
µC
Notes: 1. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%
2. Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com