Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6718-X-AB3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2N6718-X-AB3-R
Description  NPN GENERAL PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N6718-X-AB3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  2N6718-X-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2N6718-X-AB3-R Datasheet HTML 2Page - Unisonic Technologies 2N6718-X-AB3-R Datasheet HTML 3Page - Unisonic Technologies 2N6718-X-AB3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2N6718
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R201-056.C
TYPICAL CHARACTERISTICS
110
100
1000
10000
100
Collector Current, Ic (mA)
Saturation Voltage
vs. Collector Current
10
0.1
1
100
Collector Output Capacitance
10000
100
Cob
1000
1
10
Collector Base Voltage (V)
VBE(SAT)@Ic=10IB
Safe Operating Area
Forward Voltage, VCE(V)
0.01
0.1
1
10
Cutoff Frequency
vs. Collector Current
Collector Current, Ic(mA)
100
1000
110
100
1
10
100
1s
1ms
100ms
fT@VCE=10V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com