Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002LG-AE2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2N7002LG-AE2-R
Description  60V, 115mA, N-CHANNEL MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N7002LG-AE2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2N7002LG-AE2-R Datasheet HTML 1Page - Unisonic Technologies 2N7002LG-AE2-R Datasheet HTML 2Page - Unisonic Technologies 2N7002LG-AE2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2N7002L
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-284.c
ABSOLUTE MAXIMUM RATINGS (Ta =25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
60
V
Drain-Gate Voltage (RG=1.0MΩ)
VDGR
60
V
Continuous
VGSS
±20
V
Gate-Source Voltage
Non-repetitive (tP≦50
μs)
VGSM
±40
V
Continuous(TC=25°C)
±115
Drain Current
Pulse(Note 2)
ID
±800
mA
225
mW
Power Dissipation (Ta = 25°C)
Derate above 25°C
PD
1.8
mW /°C
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note:1.
2.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Pulse width≦300μs, Duty cycle≦2%
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
556
°C/W
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=10µA
60
V
Drain-Source Leakage Current
IDSS
VDS=60V, VGS=0V (TJ=25°C)
1.0
µA
Gate-Source Leakage Current
IGSS
VGS=±20V, VDS=0V
±100
nA
ON CHARACTERISTICS
(Note)
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250 µA
1.0
2.5
V
VGS=10V, ID=500 mA
3.75
Drain-Source On-State Voltage
VDS(ON)
VGS=5V, ID=50mA
0.375
V
On-State Drain Current
ID(ON)
VDS≧2.0VDS(ON), VGS=10V
500
mA
VGS=10V, ID=500mA(TC=25°C)
7.5
Static Drain-Source On-Resistance
RDS(ON)
VGS=5V, ID=50mA(TC=25°C)
7.5
Forward Transconductance
gFS
VDS≧2.0VDS(ON), ID=200mA
80
mS
DYNAMIC PARAMETERS
Input Capacitance
CISS
50
pF
Output Capacitance
COSS
25
pF
Reverse Transfer Capacitance
CRSS
VDS=25V, VGS=0V, f=1.0MHz
5.0
pF
SWITCHING PARAMETERS
Turn-ON Delay Time
tD(ON)
20
ns
Turn-OFF Delay Time
tD(OFF)
VDD=25V, ID=500mA,
VGEN=10V, RG=25Ω, RL=50Ω
40
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Diode Forward Voltage
VSD
IS=115mA, VGS=0V
1.5
V
Maximum Body-Diode Continuous Current
IS
115
mA
Source Current Pulsed
ISM
800
mA
Note: Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com