Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002ZWL-AL3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2N7002ZWL-AL3-R
Description  300mA, 60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N7002ZWL-AL3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2N7002ZWL-AL3-R Datasheet HTML 1Page - Unisonic Technologies 2N7002ZWL-AL3-R Datasheet HTML 2Page - Unisonic Technologies 2N7002ZWL-AL3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2N7002ZW
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-539.C
300mA, 60V DUAL N-CHANNEL
ENHANCEMENT MODE
MOSFET
DESCRIPTION
The UTC 2N7002ZW uses advanced technology to provide
excellent RDS(ON), low gate charge and low gate voltages during
operation. This device is suitable for use as a load switch or in PWM
applications.
FEATURES
* Low Reverse Transfer Capacitance (CRSS = typical 3.0 pF)
* ESD Protected
* Fast Switching Capability
* Avalanche Energy Specified
* Improved dv/dt Capability, High Ruggedness
SYMBOL
2.Gate
1.Source
3.Drain
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
2N7002ZWL-AL3-R
2N7002ZWG-AL3-R
SOT-323
S
G
D
Tape Reel
MARKING


Similar Part No. - 2N7002ZWL-AL3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N7002ZWL-AL3-R UTC-2N7002ZWL-AL3-R Datasheet
164Kb / 3P
300m Amps, 60 Volts DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - 2N7002ZWL-AL3-R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN6066SSD DIODES-DMN6066SSD Datasheet
712Kb / 8P
60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DS32109 Rev 1 - 2
logo
Unisonic Technologies
2N7002K UTC-2N7002K_12 Datasheet
164Kb / 3P
300mA, 60V N-CHANNEL ENHANCEMENT MODE MOSFET
2N7002Z UTC-2N7002Z_12 Datasheet
183Kb / 4P
300mA, 60V N-CHANNEL ENHANCEMENT MODE POWER MOSFET
2N7002ZDW UTC-2N7002ZDW_12 Datasheet
177Kb / 3P
300mA, 60V DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
2N7002ZT UTC-2N7002ZT_12 Datasheet
164Kb / 3P
300mA, 60V DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Diodes Incorporated
DMN6066SSD DIODES-DMN6066SSD_15 Datasheet
441Kb / 9P
60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
AiT Semiconductor Inc.
AM6N7002 AITSEMI-AM6N7002 Datasheet
460Kb / 8P
MOSFET 60V DUAL N-CHANNEL ENHANCEMENT MODE
REV1.0
logo
Pan Jit International I...
PJQ5866A-AU PANJIT-PJQ5866A-AU Datasheet
477Kb / 7P
60V Dual N-Channel Enhancement Mode MOSFET
March 28,2019-REV.00
PJL9836A PANJIT-PJL9836A Datasheet
589Kb / 7P
60V Dual N-Channel Enhancement Mode MOSFET
March 31,2017-REV.00
logo
TECH PUBLIC Electronics...
2N7002BKV TECHPUBLIC-2N7002BKV Datasheet
945Kb / 3P
60V Dual N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com