Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1201L-X-AB3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SA1201L-X-AB3-R
Description  SILICON PNP EPITAXIAL TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1201L-X-AB3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2SA1201L-X-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2SA1201L-X-AB3-R Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SA1201
PNP SILICON TRANSISTOR
www.unisonic.com.tw
1 of 2
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R204-024.Ca
SILICON PNP EPITAXIAL
TRANSISTOR
DESCRIPTION
The UTC 2SA1201 is designed for power amplifier and
voltage amplifier applications.
FEATURES
*High voltage: VCEO= -120V
*High transition frequency: fT=120MHz(typ.)
*Pc=1 to 2 W(mounted on ceramic substrate)
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
2SA1201L-x-AB3-R
2SA1201G-x-AB3-R
SOT-89
B
C
E
Tape Reel
Note: Pin Assignment: B: BASE
C: COLLECTOR
E: EMITTER


Similar Part No. - 2SA1201L-X-AB3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1201L-X-T92-B UTC-2SA1201L-X-T92-B Datasheet
147Kb / 3P
SILICON PNP EPITAXIAL TRANSISTOR
2SA1201L-X-T92-K UTC-2SA1201L-X-T92-K Datasheet
147Kb / 3P
SILICON PNP EPITAXIAL TRANSISTOR
More results

Similar Description - 2SA1201L-X-AB3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC2SA1015 UTC-UTC2SA1015 Datasheet
62Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Samsung semiconductor
2N5401 SAMSUNG-2N5401 Datasheet
76Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
BCW69 SAMSUNG-BCW69 Datasheet
28Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BCX71G FAIRCHILD-BCX71G Datasheet
31Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
FJN4303R FAIRCHILD-FJN4303R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4202R FAIRCHILD-FJNS4202R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4204R FAIRCHILD-FJNS4204R Datasheet
65Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4210R FAIRCHILD-FJNS4210R Datasheet
32Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4212R FAIRCHILD-FJNS4212R Datasheet
26Kb / 3P
PNP Epitaxial Silicon Transistor
FJV4102R FAIRCHILD-FJV4102R Datasheet
55Kb / 4P
PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com