Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1300L-XX-T92-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SA1300L-XX-T92-R
Description  SILICON PNP EPITAXAL TYPE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1300L-XX-T92-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SA1300L-XX-T92-R Datasheet HTML 1Page - Unisonic Technologies 2SA1300L-XX-T92-R Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2SA1300
PNP EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R208-012.Ba
ABSOLUTE MAXIMUM RATING (T
A=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-20
V
Collector-Emitter Voltage
VCES
-20
V
VCEO
-10
Emitter-Base Voltage
VEBO
-6
V
Collector Current
DC
IC
-2
A
Pulsed (Note 1)
ICP
-5
Base Current
IB
-2
A
Collector Power Dissipation
PC
750
mW
Junction Temperature
TJ
150
℃
Storage Temperature
TSTG
-40 ~ +150
℃
Note 1. Pulse Width= 10ms(Max.), Duty Cycle=30%(Max.)
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
3. The device is guaranteed to meet performance specification within 0℃~70℃ operating temperature range
and assured by design from –20℃~85℃.
ELECTRICAL CHARACTERISTICS (T
A=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA, IB=0
-10
V
Emitter-collector breakdown voltage
V(BR)EBO
IE= -1mA, IC=0
-6
V
Collector cut-off current
ICBO
VCE = -20V, IE =0
-100
nA
Emitter cut-off current
IEBO
VBE = -6V, IC =0
-100
nA
DC current Gain
hFE1
VCE= -1V, IC=0.5A
140
600
hFE2
VCE= -1V, IC= -4A
60
120
Collector-emitter saturation voltage
VCE(SAT)
IC= -2A, IB= -50mA
-0.2
-0.5
V
Base-emitter voltage
VBE
VCE= -1V, IC= -2A
-0.83
-1.5
V
Current gain bandwidth product
fT
VCE= -1V,IC= -0.5A
140
MHz
Output capacitance
COB
VCE= -10V, IE=0, f=1MHz
50
pF
CLASSIFICATIONS OF hFE1
RANK
Y
GR
BL
RANGE
140-280
200-400
300-600
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com