Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1300G-XX-AB3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SA1300G-XX-AB3-R
Description  SILICON PNP EPITAXAL TYPE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1300G-XX-AB3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2SA1300G-XX-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2SA1300G-XX-AB3-R Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SA1300
PNP EPITAXIAL SILICON TRANSISTOR
www.unisonic.com.tw
1 of 2
Copyright © 2011 Unisonic Technologies Co., LTD
QW-R208-012.Ba
SILICON PNP EPITAXAL TYPE
DESCRIPTION
* Strobo Flash Applications.
* Medium Power Amplifier Applications.
FEATURES
* High DC Current Gain and Excellent hFE Linearity.
* hFE(1)=140-600, (VCE= -1V,IC= -0.5A)
* hFE(2)=60(Min.),120(Typ.),(VCE= -1V,IC= -4A)
* Low Saturation Voltage
* VCE (SAT)= -0.5V(Max.), (IC= -2A,IE= -50mA)
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
2SA1300L-xx-AB3-R
2SA1300G-xx-AB3-R
SOT-89
B
C
E
Tape Reel
2SA1300L-xx-T92-B
2SA1300G-xx-T92-B
TO-92
E
C
B
Tape Box
2SA1300L-xx-T92-K
2SA1300G-xx-T92-K
TO-92
E
C
B
Bulk
2SA1300L-xx-T92-R
2SA1300G-xx-T92-R
TO-92
E
C
B
Tape Reel
Note: Pin Assignment: E: Emitter C: Collector
B: Base


Similar Part No. - 2SA1300G-XX-AB3-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1300 TOSHIBA-2SA1300 Datasheet
153Kb / 2P
TRANSISTOR (STROBO FLASH MEDIUM POWER AMPLIFIER APPLICATIONS)
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
PNP EPITAXIAL SILICON TRANSISTOR
logo
TRANSYS Electronics Lim...
2SA1300 TEL-2SA1300 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
logo
Toshiba Semiconductor
2SA1300 TOSHIBA-2SA1300 Datasheet
334Kb / 3P
Strobe Flash Applications Medium Power Amplifier Applications
logo
Dc Components
2SA1300 DCCOM-2SA1300 Datasheet
213Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - 2SA1300G-XX-AB3-R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB642 PANASONIC-2SB642 Datasheet
50Kb / 3P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SB790 PANASONIC-2SB790 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
logo
Wing Shing Computer Com...
2SD401 WINGS-2SD401 Datasheet
64Kb / 1P
SILICON EPITAXAL PLANAR TRANSISTOR(GENERAL DESCRIPTION)
logo
Panasonic Semiconductor
2SA1061 PANASONIC-2SA1061 Datasheet
102Kb / 2P
SILICON EPITAXAL BASE LESA TRANSISTOR
2SA1062 PANASONIC-2SA1062 Datasheet
89Kb / 2P
SILICON EPITAXAL BASE LESA TRANSISTOR
2SB713 PANASONIC-2SB713 Datasheet
128Kb / 2P
SILICON EPITAXAL BASE MESA TRANSISTOR
2SA1060 PANASONIC-2SA1060 Datasheet
98Kb / 2P
SILICON EPITAXAL BASE VLESA TRANSISTOR
logo
Toshiba Semiconductor
2SB1495 TOSHIBA-2SB1495_06 Datasheet
137Kb / 4P
Silicon PNP Epitaxial Type
logo
Guangdong Kexin Industr...
2SA1312 KEXIN-2SA1312 Datasheet
36Kb / 1P
Silicon PNP Epitaxial Type
logo
SHIKUES Electronics
1SV229 SKTECHNOLGY-1SV229 Datasheet
469Kb / 2P
VARIABLE CAPACITANCE DIODE SILICON EPITAXAL PLANAR TYPE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com