Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1627AL-X-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SA1627AL-X-TN3-R
Description  PNP EPITAXIAL SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1627AL-X-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  2SA1627AL-X-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2SA1627AL-X-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2SA1627AL-X-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2SA1627AL-X-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA1627A
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R217-004.D
TYPICAL CHARACTERISTICS
-2.0
0
Collector Current vs.
Collector to Emitter Voltage
Collector to Emitter Voltage, VCE (V)
-6.0
-10
-4.0
-8.0
0
-20
-40
-60
-80
-100
IB=1.8mA
IB=1.6mA
IB=1.4mA
IB=1.2mA
IB=1.0mA
IB=0.8mA
IB=0.6mA
IB=0.4mA
IB=0.2mA
-0.005
-0.002
DC Current Gain vs. Collector Current
Collector Current, IC (A)
-0.1
-0.02
-0.5
1
10
30
100
300
1000
3
-0.01
-0.05
-2.0
-0.2
-1.0
VCE=-5.0V
Collector Current vs.
Base to Emitter Voltage
Base to Emitter Voltage, VBE (V)
-0.01
-0.1
-0.3
-1.0
0
-0.4
-0.8
-1.2
-1.6
-0.03
-0.003
-0.2
-0.6
-1.0
-1.4
VCE=-5.0V
Collector and Base Saturation Voltage
vs. Collector Current
Collector Current, IC (A)
-0.1
-0.3
-1.0
-3.0
-0.005 -0.01
-0.05
-0.2
-0.03
-0.02
-0.1
-0.5
IC=5IB
VBE(SAT)
VCE(SAT)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com