Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1797L-X-AB3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SA1797L-X-AB3-R
Description  POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1797L-X-AB3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SA1797L-X-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2SA1797L-X-AB3-R Datasheet HTML 2Page - Unisonic Technologies 2SA1797L-X-AB3-R Datasheet HTML 3Page - Unisonic Technologies 2SA1797L-X-AB3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA1797
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R208-029,F
ABSOLUTE MAXIMUM RATINGS (T
A=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current
DC
IC
-2
A
PULSE(Note 1)
-5
A
Collector Power Dissipation
TO-92NL
PC
1
W
SOT-223
0.8
W
SOT-89
0.5
W
TO-252
1.9
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: 1. Single pulse, PW=10ms
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
A=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC = -50μA
-50
V
Collector-Emitter Breakdown Voltage
BVCEO
IC = -1mA
-50
V
Emitter-Base Breakdown Voltage
BVEBO
IE = -50μA
-6
V
Collector Cutoff Current
ICBO
VCB = -50V
-0.1
μA
Emitter Cutoff Current
IEBO
VEB = -5V
-0.1
μA
Collector-Emitter Saturation Voltage
VCE(SAT)
IC/IB = -1A/-50mA
(Note)
-0.15 -0.35
V
DC Current Gain
hFE
VCE = -2V, IC=-0.5A
(Note)
120
400
Transition Frequency
fT
VCE = -2V, IE=0.5A, f=100MHz
200
MHz
Output Capacitance
COB
VCB = -10V, IE=0A, f=1MHz
36
pF
Note: Measured using pulse current.
CLASSIFICATION OF hFE
RANK
A
B
RANGE
120-240
200-400



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com