Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1797L-X-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SA1797L-X-TN3-R
Description  POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1797L-X-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2SA1797L-X-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2SA1797L-X-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2SA1797L-X-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2SA1797L-X-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SA1797
PNP SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R208-029,F
POWER TRANSISTOR
FEATURES
* Low Saturation Voltage.
VCE(SAT)=-0.35V(MAX) at IC / IB=-1A / -50mA
* Excellent DC Current Gain Characteristics
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
2SA1797L-x-AA3-R
2SA1797G-x-AA3-R
SOT-223
B
C
E
Tape Reel
2SA1797L-x-AB3-R
2SA1797G-x-AB3-R
SOT-89
B
C
E
Tape Reel
2SA1797L-x-T9N-B
2SA1797G-x-T9N-B
TO-92NL
E
C
B
Tape Box
2SA1797L-x-T9N-K
2SA1797G-x-T9N-K
TO-92NL
E
C
B
Bulk
2SA1797L-x-TN3-R
2SA1797G-x-TN3-R
TO-252
B
C
E
Tape Reel
2SA1797L-x-TN3-T
2SA1797G-x-TN3-T
TO-252
B
C
E
Tube


Similar Part No. - 2SA1797L-X-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1797L-X-TN3-R UTC-2SA1797L-X-TN3-R Datasheet
43Kb / 2P
POWER TRANSISTOR
2SA1797L-x-TN3-R UTC-2SA1797L-x-TN3-R Datasheet
169Kb / 4P
POWER TRANSISTOR
More results

Similar Description - 2SA1797L-X-TN3-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
POWER TRANSISTOR
1995
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C_06 Datasheet
167Kb / 8P
Power transistor
15-Nov-2006
logo
Unisonic Technologies
2SB798 UTC-2SB798 Datasheet
118Kb / 3P
POWER TRANSISTOR
logo
Guangdong Kexin Industr...
2SA1797 KEXIN-2SA1797 Datasheet
36Kb / 1P
Power Transistor
2SD2114K KEXIN-2SD2114K Datasheet
36Kb / 1P
Power Transistor
2SB1260 KEXIN-2SB1260 Datasheet
51Kb / 1P
Power Transistor
2SD1898 KEXIN-2SD1898 Datasheet
51Kb / 1P
Power Transistor
logo
Rohm
2SD1763AE ROHM-2SD1763AE Datasheet
51Kb / 1P
Power Transistor
2SB1316TL ROHM-2SB1316TL Datasheet
78Kb / 3P
Power Transistor
logo
RFHIC
RT230PD RFHIC-RT230PD_14 Datasheet
445Kb / 32P
Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com