Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB766AL-X-AB3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SB766AL-X-AB3-R
Description  LOW FREQUENCY OUTPUT AMPLIFICATION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB766AL-X-AB3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SB766AL-X-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2SB766AL-X-AB3-R Datasheet HTML 2Page - Unisonic Technologies 2SB766AL-X-AB3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SB766A
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R208-028,B
ABSOLUTE MAXIMUM RATINGS ( TA=25°C )
PARAMETER
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-1
A
Peak Collector Current
ICP
-1.5
A
Collector Power Dissipation (Note 2)
PC
1
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Printed circuit board :Copper foil area of 1cm2 or more, and the board thickness of 1.7mm for the collector
portion
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector Base Voltage
VCBO
IC= -10μA ,IE=0
-60
V
Collector Emitter Voltage
VCEO
IC= -2mA ,IB= 0
-50
V
Emitter Base Voltage
VEBO
IE= -10μA, IC=0
-5
V
Collector Cut-Off Current
ICBO
VCB= -20V,IE=0
-0.1
μA
DC Current Transfer Ratio
hFE1
VCE= -10V,IC= -500mA (Note)
85
340
hFE2
VCE= -5V,IC= -1A (Note)
50
Collector-Emitter Saturation Voltage
VCE(SAT)
IC = -500mA,IB =-50mA (Note)
-0.2
-0.4
V
Base-Emitter Saturation Voltage
VBE(SAT)
IC = -500mA,IB =-50mA (Note)
-0.85
-1.2
V
Transition Frequency
fT
VCB= -10V, IE= 50mA, f=200MHz
200
MHz
Output Capacitance
COB
VCB= -10V, IE= 0, f=1MHz
20
30
pF
Note: Pulse measurement
CLASSIFICATION OF hFE1
RANK
Q
R
S
RANGE
85-170
120-240
170-340



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com