Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB824L-X-AB3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SB824L-X-AB3-R
Description  PNP PLANAR SILICON TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB824L-X-AB3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2SB824L-X-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2SB824L-X-AB3-R Datasheet HTML 2Page - Unisonic Technologies 2SB824L-X-AB3-R Datasheet HTML 3Page - Unisonic Technologies 2SB824L-X-AB3-R Datasheet HTML 4Page - Unisonic Technologies 2SB824L-X-AB3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SB824
PNP SILICON TRANSISTOR
www.unisonic.com.tw
1 of 5
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R208-042.C
PNP PLANAR SILICON
TRANSISTOR
FEATURES
* Low collector-to-emitter saturation voltage:
VCE(SAT)=-0.4V max/IC=-3A, IB=-0.3A
SOT-89
TO-251
1
TO-126
1
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
2SB824L-x-AB3-R
2SB824G-x-AB3-R
SOT-89
B
C
E
Tape Reel
2SB824L-x-T60-K
2SB824G-x-T60-K
TO-126
B
C
E
Bulk
2SB824L-x-TM3-T
2SB824G-x-TM3-T
TO-251
B
C
E
Tube


Similar Part No. - 2SB824L-X-AB3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB824L-X-AB3-R UTC-2SB824L-X-AB3-R Datasheet
236Kb / 5P
PNP PLANAR SILICON TRANSISTOR
More results

Similar Description - 2SB824L-X-AB3-R

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF939 SIEMENS-BF939 Datasheet
33Kb / 2P
PNP SILICON PLANAR TRANSISTOR
logo
Boca Semiconductor Corp...
2N4036 BOCA-2N4036 Datasheet
46Kb / 2P
PNP SILICON PLANAR TRANSISTOR
logo
List of Unclassifed Man...
CD9015 ETC1-CD9015 Datasheet
88Kb / 3P
PNP SILICON PLANAR TRANSISTOR
logo
Continental Device Indi...
CMBT9015 CDIL-CMBT9015 Datasheet
172Kb / 3P
PNP SILICON PLANAR TRANSISTOR
CD9012 CDIL-CD9012 Datasheet
89Kb / 3P
PNP SILICON PLANAR TRANSISTOR
2N4036 CDIL-2N4036 Datasheet
125Kb / 2P
PNP SILICON PLANAR TRANSISTOR
2N995 CDIL-2N995 Datasheet
175Kb / 4P
PNP SILICON PLANAR TRANSISTOR
BFX30 CDIL-BFX30 Datasheet
137Kb / 4P
PNP SILICON PLANAR TRANSISTOR
BCX23 CDIL-BCX23 Datasheet
95Kb / 2P
PNP SILICON PLANAR TRANSISTOR
logo
New Jersey Semi-Conduct...
BFX37 NJSEMI-BFX37 Datasheet
86Kb / 2P
PNP SILICON PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com