Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB772SG-X-AB3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SB772SG-X-AB3-R
Description  MEDIUM POWER LOW VOLTAGE TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB772SG-X-AB3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  2SB772SG-X-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2SB772SG-X-AB3-R Datasheet HTML 2Page - Unisonic Technologies 2SB772SG-X-AB3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2SB772S
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R208-002.F
■
TYPICAL CHARACTERICS
Collector Current, Ic (mA)
-100
-101
-102
-103
-104
-10-1
-103
-102
-101
-1
Collector-Emitter Saturation Voltage
vs. Collector Current
25°C
IC/IB=10
150°C
Collector-Emitter Voltage, VCE (V)
01
2
3
45
0
0.4
0.8
1.6
2.0
1.2
Collector Current vs.
Collector-Emitter Voltage
Collector Current, Ic (mA)
-10-1
-100
-101
-102
-103
-104
0
200
400
600
800 V
CE=-2V
150°C
25°C
DC Current Gain vs. Collector Current
Collector Current, Ic (mA)
-100
-101
-102
-103
-104
-10-1
0
-0.4
-0.8
-1.2
Base-Emitter Saturation Voltage vs.
Collector Current
IC/IB=10
25°C
150°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com