Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB772G-X-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SB772G-X-TN3-R
Description  MEDIUM POWER LOW VOLTAGE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB772G-X-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2SB772G-X-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2SB772G-X-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2SB772G-X-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2SB772G-X-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SB772
PNP SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R213-016,F
MEDIUM POWER LOW
VOLTAGE TRANSISTOR
DESCRIPTION
The UTC 2SB772 is a medium power low voltage transistor,
designed for audio power amplifier, DC-DC converter and voltage
regulator.
FEATURES
* High current output up to 3A
* Low saturation voltage
* Complement to 2SD882
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
2SB772L-x-T60-K
2SB772G-x-T60-K
TO-126
E
C
B
Bulk
2SB772L-x-T6C-K
2SB772G-x-T6C-K
TO-126C
E
C
B
Bulk
2SB772L-x-TM3-T
2SB772G-x-TM3-T
TO-251
B
C
E
Tube
2SB772L-x-TN3-R
2SB772G-x-TN3-R
TO-252
B
C
E
Tape Reel
2SB772L-x-TN3-T
2SB772G-x-TN3-T
TO-252
B
C
E
Tube
2SB772L-x-T9N-B
2SB772G-x-T9N-B
TO-92NL
E
C
B
Tape Box
2SB772L-x-T9N-K
2SB772G-x-T9N-K
TO-92NL
E
C
B
Bulk
2SB772L-x-T9N-R
2SB772G-x-T9N-R
TO-92NL
E
C
B
Tape Reel


Similar Part No. - 2SB772G-X-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB772G-X-TN3-R UTC-2SB772G-X-TN3-R Datasheet
203Kb / 4P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
More results

Similar Description - 2SB772G-X-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD882S UTC-2SD882S Datasheet
75Kb / 4P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
B772SS UTC-B772SS Datasheet
55Kb / 4P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
2SB1188 UTC-2SB1188 Datasheet
54Kb / 4P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
2SD882 UTC-2SD882_05 Datasheet
58Kb / 4P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
2SB772L UTC-2SB772L Datasheet
78Kb / 3P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
XL1225 UTC-XL1225 Datasheet
69Kb / 3P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
2SB772S UTC-2SB772S Datasheet
262Kb / 3P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
B772SS UTC-B772SS_09 Datasheet
185Kb / 4P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
2SB1182 UTC-2SB1182 Datasheet
166Kb / 4P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
XL1225 UTC-XL1225_11 Datasheet
198Kb / 3P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com