Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM6341ZP12A Datasheet(PDF) 8 Page - Motorola, Inc

Part # SCM6341ZP12A
Description  128K x 24 Bit Static Random Access Memory
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCM6341ZP12A Datasheet(HTML) 8 Page - Motorola, Inc

Back Button SCM6341ZP12A Datasheet HTML 2Page - Motorola, Inc SCM6341ZP12A Datasheet HTML 3Page - Motorola, Inc SCM6341ZP12A Datasheet HTML 4Page - Motorola, Inc SCM6341ZP12A Datasheet HTML 5Page - Motorola, Inc SCM6341ZP12A Datasheet HTML 6Page - Motorola, Inc SCM6341ZP12A Datasheet HTML 7Page - Motorola, Inc SCM6341ZP12A Datasheet HTML 8Page - Motorola, Inc SCM6341ZP12A Datasheet HTML 9Page - Motorola, Inc SCM6341ZP12A Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MCM6341
8
MOTOROLA FAST SRAM
WRITE CYCLE 2 (E Controlled; See Notes 1, 2, 3, and 4)
P
Sb l
MCM6341–10
MCM6341–11
MCM6341–12
MCM6341–15
Ui
N
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Unit
Notes
Write Cycle Time
tAVAV
10
—
11
—
12
—
15
—
ns
5
Address Setup Time
tAVEL
0
—
0
—
0
—
0
—
ns
Address Valid to End of Write
tAVEH
9
—
10
—
10
—
12
—
ns
Address Valid to End of Write (G
High)
tAVEH
8
—
9
—
9
—
10
—
ns
Enable Pulse Width
tELEH,
tELWH
9
—
10
—
10
—
12
—
ns
6, 7
Enable Pulse Width (G High)
tELEH,
tELWH
8
—
9
—
9
—
10
—
ns
6, 7
Data Valid to End of Write
tDVEH
4
—
5
—
5
—
6
—
ns
Data Hold Time
tEHDX
0
—
0
—
0
—
0
—
ns
Write Recovery Time
tEHAX
0
—
0
—
0
—
0
—
ns
NOTES:
1. A write occurs during the overlap of E low and W low.
2. Product sensitivities to noise require proper grounding and decoupling of power supplies as well as minimization or elimination of bus
contention conditions during read and write cycles.
3. If G goes low coincident with or after W goes low, the output will remain in a high–impedance state.
4. E1, E2, and E3 are represented by E in this data sheet. E2 is of opposite polarity to E1 and E3.
5. All write cycle timing is referenced from the last valid address to the first transitioning address.
6. If E goes low coincident with or after W goes low, the output will remain in a high–impedance condition.
7. If E goes high coincident with or before W goes high, the output will remain in a high–impedance condition.
DATA VALID
HIGH–Z
tAVAV
tAVEH
tAVEL
tELWH
tEHAX
tDVEH
tEHDX
A (ADDRESS)
E (CHIP ENABLE)
W (WRITE ENABLE)
D (DATA IN)
Q (DATA OUT)
tELEH
WRITE CYCLE 2 (E Controlled; See Notes 1, 2, 3, and 4)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com