Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1132G-X-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SB1132G-X-TN3-R
Description  MEDIUM POWER TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB1132G-X-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2SB1132G-X-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2SB1132G-X-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2SB1132G-X-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2SB1132G-X-TN3-R Datasheet HTML 4Page - Unisonic Technologies 2SB1132G-X-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SB1132
PNP SILICON TRANSISTOR
www.unisonic.com.tw
1 of 5
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R208-016.C
MEDIUM POWER TRANSISTOR
DESCRIPTION
The UTC 2SB1132 is a epitaxial planar type PNP silicon
transistor.
FEATURES
* Low VCE(SAT).
VCE(SAT) = -0.2V(Typ.) (IC/IB= -500mA/-50mA)
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
2SB1132L-x-AB3-R
2SB1132G-x-AB3-R
SOT-89
B
C
E
Tape Reel
2SB1132L-x-TN3-R
2SB1132G-x-TN3-R
TO-252
B
C
E
Tape Reel
2SB1132L-x-TN3-T
2SB1132G-x-TN3-T
TO-252
B
C
E
Tube


Similar Part No. - 2SB1132G-X-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB1132G-X-TN3-R UTC-2SB1132G-X-TN3-R Datasheet
205Kb / 5P
MEDIUM POWER TRANSISTOR
More results

Similar Description - 2SB1132G-X-TN3-R

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1132 ROHM-2SB1132 Datasheet
128Kb / 4P
Medium Power Transistor
2SA2090 ROHM-2SA2090 Datasheet
88Kb / 4P
Medium power transistor
logo
Guangdong Kexin Industr...
2SD2537 KEXIN-2SD2537 Datasheet
49Kb / 1P
Medium Power Transistor
FMMT489 KEXIN-FMMT489 Datasheet
35Kb / 1P
Medium Power Transistor
2SA1036K KEXIN-2SA1036K Datasheet
38Kb / 1P
Medium Power Transistor
FMMTL619 KEXIN-FMMTL619 Datasheet
37Kb / 2P
Medium Power Transistor
2SB1182 KEXIN-2SB1182 Datasheet
39Kb / 1P
Medium Power Transistor
2SD1760 KEXIN-2SD1760 Datasheet
40Kb / 1P
Medium Power Transistor
logo
Surge Components
2SB1561U SURGE-2SB1561U Datasheet
485Kb / 3P
medium power transistor
logo
SHIKUES Electronics
2SD1766 SKTECHNOLGY-2SD1766 Datasheet
224Kb / 1P
Medium Power Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com