Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1384L-X-AB3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SC1384L-X-AB3-R
Description  NPN SILICON TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC1384L-X-AB3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2SC1384L-X-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2SC1384L-X-AB3-R Datasheet HTML 2Page - Unisonic Technologies 2SC1384L-X-AB3-R Datasheet HTML 3Page - Unisonic Technologies 2SC1384L-X-AB3-R Datasheet HTML 4Page - Unisonic Technologies 2SC1384L-X-AB3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SC1384
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R211-005.D
NPN SILICON TRANSISTOR
DESCRIPTION
The UTC 2SC1384 is power amplifier and driver.
FEATURES
* Low VCE(SAT)
* 2~3W output in complementary pair with 2SA684
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen-Free
Package
1
2
3
Packing
2SC1384L-x-AB3-R
2SC1384G-x-AB3-R
SOT-89
B
C
E
Tape Reel
2SC1384L-x-T9N-B
2SC1384G-x-T9N-B
TO-92NL
E
C
B
Tape Box
2SC1384L-x-T9N-K
2SC1384G-x-T9N-K
TO-92NL
E
C
B
Bulk
2SC1384L-x-T9N-R
2SC1384G-x-T9N-R
TO-92NL
E
C
B
Tape Reel


Similar Part No. - 2SC1384L-X-AB3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC1384L-X-AB3-R UTC-2SC1384L-X-AB3-R Datasheet
251Kb / 5P
NPN SILICON TRANSISTOR
More results

Similar Description - 2SC1384L-X-AB3-R

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com