Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1623L-X-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC1623L-X-AE3-R
Description  AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER NPN SILICON TRANSISTOR MINI MOLD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC1623L-X-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC1623L-X-AE3-R Datasheet HTML 1Page - Unisonic Technologies 2SC1623L-X-AE3-R Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2SC1623
Preliminary
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R206-100.a
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
50
V
Emitter to Base Voltage
VEBO
5.0
V
Collector Current (DC)
IC
100
mA
Power Dissipation
PD
200
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Cutoff Current
ICBO
VCB=60V, IE=0
0.1
μA
Emitter Cutoff Current
IEBO
VEB=5.0V, IC=0
0.1
μA
DC Current Gain
hFE
VCE=6.0V, IC=1.0mA (Note 1)
90
200
600
Collector Saturation Voltage
VCE(SAT) IC=100mA, IB=10mA (Note 1)
0.15
0.3
V
Base to Saturation Voltage
VBE(SAT) IC=100mA, IB= 10mA (Note 1)
0.86
1.0
V
Base Emitter Voltage
VBE
VCE=6.0V, IC=1.0mA (Note 1)
0.55
0.62
0.65
V
Gain Bandwidth Product
fT
VCE= 6.0V, IE=-10mA
250
MHz
Output Capacitance
COB
VCB= 6.0V, IE=0, f=1.0MHz
3.0
pF
Note: 1. Pulsed: PW≤350ms, Duty Cycle≤2 %
CLASSIFICATION OF hFE
RANK
L4
L5
L6
L7
RANGE
90 ~ 180
135 ~ 270
200 ~ 400
300 ~ 600
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com