Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2328AL-X-T92-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SC2328AL-X-T92-R
Description  AUDIO POWER AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC2328AL-X-T92-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2SC2328AL-X-T92-R Datasheet HTML 1Page - Unisonic Technologies 2SC2328AL-X-T92-R Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SC2328A
NPN EPITAXIAL SILICON TRANSISTOR
www.unisonic.com.tw
1 of 2
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R211-008.C
AUDIO POWER AMPLIFIER
FEATURES
* Collector Dissipation Pc=1 W
* 3 W Output Application
* Complement of 2SA928A
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
2SC2328AL-x-T92-B
2SC2328AG-x-T92-B
TO-92
E
C
B
Tape Box
2SC2328AL-x-T92-K
2SC2328AG-x-T92-K
TO-92
E
C
B
Bulk
2SC2328AL-x-T92-R
2SC2328AG-x-T92-R
TO-92
E
C
B
Tape Reel
2SC2328AL-x-T9N-K
2SC2328AG-x-T9N-K
TO-92NL
E
C
B
Bulk
2SC2328AL-x-T9N-B
2SC2328AG-x-T9N-B
TO-92NL
E
C
B
Tape Box
Note: Pin Assignment:
E: Emitter
C: Collector
B: Base


Similar Part No. - 2SC2328AL-X-T92-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC2328AL-X-T92-B UTC-2SC2328AL-X-T92-B Datasheet
158Kb / 3P
AUDIO POWER AMPLIFIER
2SC2328AL-X-T92-K UTC-2SC2328AL-X-T92-K Datasheet
158Kb / 3P
AUDIO POWER AMPLIFIER
More results

Similar Description - 2SC2328AL-X-T92-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7376P TOSHIBA-TA7376P Datasheet
303Kb / 7P
AUDIO POWER AMPLIFIER
logo
Fairchild Semiconductor
KSA1943 FAIRCHILD-KSA1943 Datasheet
65Kb / 4P
Audio Power Amplifier
logo
Toshiba Semiconductor
TA7368 TOSHIBA-TA7368 Datasheet
381Kb / 10P
AUDIO POWER AMPLIFIER
logo
NEC
UPC1213C NEC-UPC1213C Datasheet
547Kb / 11P
AUDIO POWER AMPLIFIER
logo
Mitsumi Electronics, Co...
MM3111 MITSUMI-MM3111 Datasheet
39Kb / 3P
Audio Power Amplifier
logo
Fairchild Semiconductor
FJP5200 FAIRCHILD-FJP5200 Datasheet
565Kb / 5P
Audio Power Amplifier
logo
SG Micro Corp
SGM4995 SGMICRO-SGM4995 Datasheet
312Kb / 11P
Audio Power Amplifier
logo
List of Unclassifed Man...
XPT9305 ETC2-XPT9305 Datasheet
210Kb / 7P
Audio Power Amplifier
logo
SHENZHEN FUMAN ELECTRON...
TC6019 FUMAN-TC6019 Datasheet
1Mb / 20P
Audio power amplifier
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com