Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3356 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC3356
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3356 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC3356 Datasheet HTML 1Page - Unisonic Technologies 2SC3356 Datasheet HTML 2Page - Unisonic Technologies 2SC3356 Datasheet HTML 3Page - Unisonic Technologies 2SC3356 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC3356
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R206-024,E
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Collector to Base Voltage
BVCBO
20
V
Collector to Emitter Voltage
BVCEO
12
V
Emitter to Base Voltage
BVEBO
3
V
Collector Current
IC
100
mA
Power Dissipation
PD
200
mW
Junction Temperature
TJ
150
°С
Storage Temperature
TSTG
-65~ +150
°С
Notes: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector-Base Cut-Off Current
ICBO
VCB =10V,IE =0
1.0
μA
Emitter-Base Cut-Off Current
IEBO
VEB =1 V, IC=0
1.0
μA
DC Current Gain
hFE
VCE =10 V, IC =20 mA
50
300
Gain Bandwidth Product
fT
VCE =10 V, IC =20 mA
7
GHz
Feed-Back Capacitance
CRE
VCB =10 V, IE =0, f =1.0MHz
1.0
pF
Noise Figure
NF
VCE =10 V, IC =7mA, f =1.0GHz
2.0
dB
CLASSIFICATION OF hFE
RANK
A
B
C
RANGE
50-160
160-240
240-300



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com