Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4027 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 2SC4027
Description  HIGH-VOLTAGE SWITCHING APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC4027 Datasheet(HTML) 4 Page - Unisonic Technologies

  2SC4027 Datasheet HTML 1Page - Unisonic Technologies 2SC4027 Datasheet HTML 2Page - Unisonic Technologies 2SC4027 Datasheet HTML 3Page - Unisonic Technologies 2SC4027 Datasheet HTML 4Page - Unisonic Technologies 2SC4027 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC4027
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R209-018.C
TYPICAL CHARACTERISTICS
02
1.4
Collector Current vs.
Collector to Emitter Voltage
13
4
1.6
1.8
5
Collector to Emitter Voltage, VCE (V)
50mA
40mA
30mA
20mA
10mA
5mA
2mA
1mA
IB=0
1.2
1.0
0.8
0.6
0.4
0.2
0
020
0.8
Collector Current vs.
Collector to Emitter Voltage
10
30
40
1.0
50
Collector to Emitter Voltage, VCE (V)
4.0mA
3.5mA 3.0mA
2.5mA
0.5mA
0.6
0.4
0.2
0
4.5mA
2.0mA
1.5mA
1.0mA
IB=0
00.4
Collector Current vs.
Base to Emitter Voltage
0.2
0.6
0.8
1.6
1.2
Base to Emitter Voltage, VBE (V)
1.2
0.8
0.4
0
VCE=5V
TA=75°C
TA=25°C
TA=-25°C
DC Current vs. Collector Current
1000
Collector Current, Ic (A)
100
10
VCE=5V
-25°C
25°C
0.01
0.1
1.0
1.0
TA=75°C
Gain Bandwidth Product vs.
Collector Current
Collector Current, Ic (A)
100
10
VCE=10V
0.01
0.1
1.0
1.0
Output Capacitance vs.
Collector to Base Voltage
100
100
Collector to Base Voltage, VCB (V)
10
f=1MHz
10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com