Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4548 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC4548
Description  HIGH VOLTAGE DRIVER APPLICATION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC4548 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC4548 Datasheet HTML 1Page - Unisonic Technologies 2SC4548 Datasheet HTML 2Page - Unisonic Technologies 2SC4548 Datasheet HTML 3Page - Unisonic Technologies 2SC4548 Datasheet HTML 4Page - Unisonic Technologies 2SC4548 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC4548
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R208-027,C
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
400
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
200
mA
Collector Current (PULSE)
ICP
400
mA
Collector Power Dissipation
PC
1.3
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collect-Base Breakdown Voltage
BVCBO
IC= 10μA,IE=0
400
V
Collect-Emitter Breakdown Voltage
BVCEO
IC= 1mA,IB=0,RBE=∞
400
V
Emitter-Base Breakdown Voltage
BVEBO
IE= 10μA,IC=0
5
V
Collector Cutoff Current
ICBO
VCB= 300V,IE=0
0.1
μA
Emitter Cutoff Current
IEBO
VEB=4V,IC=0
0.1
μA
DC Current Transfer Ratio
hFE
VCE=10V, Ic=50mA
60
200
Collect-Emitter Saturation Voltage
VCE(SAT)
IC=50mA,IB=5mA
0.6
V
Base-Emitter Saturation Voltage
VBE(SAT)
IC=50mA,IB=5mA
1.0
V
Output Capacitance
COB
VCB=30V, f=1MHz
4
pF
Reverse Transfer Capacitance
CRE
VCB=30V,f=1MHz
3
pF
Gain-Bandwidth Product
fT
VCE=30V,IC=10mA
70
MHz
Turn-on Time
TON
See test circuit
0.25
μs
Turn-off Time
TOFF
See test circuit
5.0
μs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com