Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSY5MA7331A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSY5MA7331A
Description  1.8mm Tower Phoenix Yellow LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSY5MA7331A Datasheet(HTML) 1 Page - OptoSupply International

  OSY5MA7331A_09 Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
1.8mm Tower Phoenix Yellow LED
OSY5MA7331A
■
Features
■
Outline Dimension
●
High Luminous LEDs
●
11..88m
mm
m
Standard Directivity
●
Superior Weather-resistance
●
UV Resistant Epoxy
●
Water Clear Type
■
Applications
●
Traffic Signal
●
Backlighting
●
Signal and channel letter
●
Other Lighting
R1.
7
1.8
2.54
0.5
Unit:mm
Tolerance:±0.30mm
1
2
1.Anode
2.Cathode
3.3
■
Absolute Maximum Rating
(Ta=25℃)
■
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
50
mA
Pulse Forward Current*
IFP
120
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
130
mW
Operating Temperature
Topr
-30 ~ +85
℃
Storage Temperature
Tstg
-40 ~ +100
℃
Lead Soldering Temperature
Tsol
260℃/ 5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0.5
30°
90°
60°
0
0
0.5
30°
60°
90°
11
■
Electrical -Optical Characteristics
(Ta=25℃)
■Maximum Forward Current
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
1.8
2.1
2.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength*
λD
IF=20mA
585
590
595
nm
Luminous Intensity*
Iv
IF=20mA
3000
4000
-
mcd
50% Power Angle
2θ1/2
IF=20mA
-
30
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies
Rth(J-a)=450°C/W
Rth(J-a)=350°C/W
Rth(J-a)=250°C/W
70
50
30
20
Maximun Permissible Forward Current Tj=115°C
40
30
20
10
0
0
10
Ta(Ambient Temperature -°C)
40
60
80 90
70
60
50


Similar Part No. - OSY5MA7331A_09

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSY5MA7331A OPTOSUPPLY-OSY5MA7331A Datasheet
97Kb / 1P
1.8mm Tower Phoenix Yellow LED
More results

Similar Description - OSY5MA7331A_09

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSO5MA7331A OPTOSUPPLY-OSO5MA7331A Datasheet
97Kb / 1P
1.8mm Tower Phoenix Orange LED
OSR5MA7331A OPTOSUPPLY-OSR5MA7331A Datasheet
97Kb / 1P
1.8mm Tower Phoenix Red LED
OSV5HA7331A OPTOSUPPLY-OSV5HA7331A Datasheet
96Kb / 1P
1.8mm Tower Violet LED
OSY5MA7331A OPTOSUPPLY-OSY5MA7331A Datasheet
97Kb / 1P
1.8mm Tower Phoenix Yellow LED
OSY5PA7331A OPTOSUPPLY-OSY5PA7331A Datasheet
98Kb / 1P
1.8mm Tower Premium Yellow LED
OSY5SA7331A OPTOSUPPLY-OSY5SA7331A Datasheet
96Kb / 1P
1.8mm Tower Yellow LED
OSY5RU7331A OPTOSUPPLY-OSY5RU7331A Datasheet
102Kb / 1P
1.8mm Tower Yellow LED
OSR5MA7331A OPTOSUPPLY-OSR5MA7331A_09 Datasheet
103Kb / 1P
1.8mm Tower Phoenix Red LED
OSY5PA7331A OPTOSUPPLY-OSY5PA7331A_09 Datasheet
105Kb / 1P
1.8mm Tower Premium Yellow LED
OS5YPM7331A OPTOSUPPLY-OS5YPM7331A Datasheet
90Kb / 2P
1.8mm Tower Yellow LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com