Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSY5MTS4C1A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSY5MTS4C1A
Description  5x5x1.5mm Phoenix Yellow Top SMD LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSY5MTS4C1A Datasheet(HTML) 1 Page - OptoSupply International

  OSY5MTS4C1A_12 Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
5
5x
x5
5x
x1
1..5
5m
mm
m P
Ph
ho
oe
en
niix
x Y
Ye
ellllo
ow
w T
To
op
p S
SM
MD
D
L
LE
ED
D
OSY5MTS4C1A
■
Features
■
Outline Dimension
●
High Luminous PLCC6 Top SMD LEDs
●
55..00xx55..00xx11..55mm Standard Directivity
●
Superior Weather-resistance
●
UV Resistant Silicone
●
Water Clear Type
■
Applications
●
Backlighting (switches, keys, etc.)
●
Marker lights (e.g. steps, exit ways, etc.)
●
Signal and Channel Letter
●
Marker lights (e.g. steps, exit ways, etc.)
●
Other Lighting
2.3
4.1
Unite:mm
Tolerance:±0.20mm
Anode
Cathode
0.9
Back View
4
5
6
3
2
1
3
2
1
4
5
6
■
Absolute Maximum Rating
(Ta=25℃)
■
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
90
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
234
mW
Operating Temperature
Topr
-30 ~ +85
℃
Storage Temperature
Tstg
-40~ +100
℃
Lead Soldering Temperature
Tsol
260
℃/5sec
-
*Pulse width Max. 10ms, Duty ratio max 1/10
0
0
■
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=60mA
1.8
2.1
2.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength
λD
IF=60mA
585
590
595
nm
Luminous Intensity
Iv
IF=60mA
2180
3000
-
mcd
50% Power Angle
2θ1/2
IF=60mA
-
120
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSY5MTS4C1A_12

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSY5MTS4C1A OPTOSUPPLY-OSY5MTS4C1A Datasheet
101Kb / 1P
5x5x1.5mm Phoenix Yellow Top SMD LED
More results

Similar Description - OSY5MTS4C1A_12

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSO5MTS4C1A OPTOSUPPLY-OSO5MTS4C1A Datasheet
101Kb / 1P
5x5x1.5mm Phoenix Orange Top SMD LED
OSR5MTS4C1A OPTOSUPPLY-OSR5MTS4C1A Datasheet
100Kb / 1P
5x5x1.5mm Phoenix Red Top SMD LED
OSY5MTS4C1A OPTOSUPPLY-OSY5MTS4C1A Datasheet
101Kb / 1P
5x5x1.5mm Phoenix Yellow Top SMD LED
OSY5PTS4C1A OPTOSUPPLY-OSY5PTS4C1A Datasheet
104Kb / 1P
5x5x1.5mm Premium Yellow Top SMD LED
OSY5M3S3C1A OPTOSUPPLY-OSY5M3S3C1A Datasheet
109Kb / 1P
3.5x2.8x1.9mm Phoenix Yellow Power Top SMD LED
OSY5MTS5C1A OPTOSUPPLY-OSY5MTS5C1A Datasheet
158Kb / 1P
3.5x2.8x1.9mm Phoenix Yellow Top SMD LED
OSR5MTS4C1A OPTOSUPPLY-OSR5MTS4C1A_12 Datasheet
114Kb / 1P
5x5x1.5mm Phoenix Red Top SMD
OSY5M3S3C1A OPTOSUPPLY-OSY5M3S3C1A_11 Datasheet
109Kb / 1P
3.5x2.8x1.9mm Phoenix Yellow Power Top SMD LED
OSY5PTS4C1A OPTOSUPPLY-OSY5PTS4C1A_09 Datasheet
160Kb / 1P
5x5x1.5mm Premium Yellow Top SMD LED
OSXX4TS4C1A OPTOSUPPLY-OSXX4TS4C1A Datasheet
178Kb / 5P
5x5x1.5mm White Top SMD LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com