Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4793 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SC4793
Description  NPN SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC4793 Datasheet(HTML) 3 Page - Unisonic Technologies

  2SC4793 Datasheet HTML 1Page - Unisonic Technologies 2SC4793 Datasheet HTML 2Page - Unisonic Technologies 2SC4793 Datasheet HTML 3Page - Unisonic Technologies 2SC4793 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC4793
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R219-009,B
TYPICAL CHARACTERISTICS
0
1.4
0.2
0
Base-Emitter Voltage, VBE (V)
-25
Collector Current
vs. Base-Emitter Voltage
0.8
1.0
1.2
0.4
0.6
0.2
0.4
0.6
0.8
1.0
TC=100 ℃
25
Common Emitter
VCE=5V
5
30
10
Collector Current, IC (mA)
Transition Frequency vs. Collector Current
300
1000
50
100
10
30
100
300
1000
Common Emitter
VCE=10V
TC=25℃
0.003
30
10
Collector Current, IC (A)
DC Current Gain vs. Collector Current
500
1000
1
50
100
0.01
0.03
0.1
0.3
300
-25
25
Common Emitter
VCE=5V
Collector-Emitter Saturation Voltage vs. Collector Current
3
TC=100°C
Collector Current, IC (A)
TC=100℃
-25
25
Common Emitter
IC/IB=10
0.5
1
0.3
0.05
0.1
0.03
0.01
0.003
1
0.01
0.03
0.1
0.3
3
Collector-Emitter Voltage, VCE (V)
Safe Operating Area
10ms※
100ms※
DC Operation
TC=25℃
IC MAX. (Pulsed)※
IC MAX.
(Continuous)
VCEO
MAX .
1ms※
※Single Nonrepetitive
Pulse TC=25°C Curves Must
be Derated Linearly With
Increase in Temperature.
0.1
0.03
3
5
0.3
0.5
0.01
0.05
1
1
10
100
30
300
3
0
48
0.2
0
Collector-Emitter Voltage, VCE (V)
6
10
Collector Current vs. Collector-Emitter Voltage
0.8
1.0
2
0.4
20
0.6
8
10
4
IB=2mA
6
Common Emitter
TC=25℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com