Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5353B Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SC5353B
Description  HIGH VOLTAGE NPN TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC5353B Datasheet(HTML) 1 Page - Unisonic Technologies

  2SC5353B Datasheet HTML 1Page - Unisonic Technologies 2SC5353B Datasheet HTML 2Page - Unisonic Technologies 2SC5353B Datasheet HTML 3Page - Unisonic Technologies 2SC5353B Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SC5353B
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R203-035.C
HIGH VOLTAGE NPN
TRANSISTOR
DESCRIPTION
Switching Regulator and High Voltage Switching Applications
High-Speed DC-DC Converter Applications
FEATURES
* Excellent switching times: tR = 0.7μs(MAX), tF = 0.5μs (MAX)
* High collectors breakdown voltage: VCEO = 750V
TO-126
TO-220
TO-126C
TO-220F
1
1
1
TO-251
1
1
TO-252
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
2SC5353BL-T60-K
2SC5353BG-T60-K
TO-126
B
C
E
Bulk
2SC5353BL-T6C-K
2SC5353BG-T6C-K
TO-126C
B
C
E
Bulk
2SC5353BL-TA3-T
2SC5353BG-TA3-T
TO-220
B
C
E
Tube
2SC5353BL-TF3-T
2SC5353BG-TF3-T
TO-220F
B
C
E
Tube
2SC5353BL-TM3-T
2SC5353BG-TM3-T
TO-251
B
C
E
Tube
2SC5353BL-TN3-R
2SC5353BG-TN3-R
TO-252
B
C
E
Tape Reel


Similar Part No. - 2SC5353B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC5353B UTC-2SC5353B Datasheet
246Kb / 4P
HIGH VOLTAGE NPN TRANSISTOR
2SC5353BG-T60-K UTC-2SC5353BG-T60-K Datasheet
246Kb / 4P
HIGH VOLTAGE NPN TRANSISTOR
2SC5353BG-T6C-K UTC-2SC5353BG-T6C-K Datasheet
246Kb / 4P
HIGH VOLTAGE NPN TRANSISTOR
2SC5353BG-TA3-T UTC-2SC5353BG-TA3-T Datasheet
246Kb / 4P
HIGH VOLTAGE NPN TRANSISTOR
2SC5353BG-TF3-T UTC-2SC5353BG-TF3-T Datasheet
246Kb / 4P
HIGH VOLTAGE NPN TRANSISTOR
More results

Similar Description - 2SC5353B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
NPN (HIGH VOLTAGE TRANSISTOR)
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
High Voltage NPN Transistor
logo
Unisonic Technologies
2SC5353B UTC-2SC5353B Datasheet
246Kb / 4P
HIGH VOLTAGE NPN TRANSISTOR
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
High Voltage NPN Transistor
logo
Unisonic Technologies
PZTA44 UTC-PZTA44_12 Datasheet
112Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003A TSC-TS13003A_14 Datasheet
388Kb / 5P
High Voltage NPN Transistor
logo
Unisonic Technologies
PZTA45 UTC-PZTA45_15 Datasheet
112Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Nexperia B.V. All right...
MMBTA42-Q NEXPERIA-MMBTA42-Q Datasheet
181Kb / 7P
NPN high-voltage transistor
9 August 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com