Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1624 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SD1624
Description  HIGH CURRENT SWITCHING APPLICATION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1624 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SD1624 Datasheet HTML 1Page - Unisonic Technologies 2SD1624 Datasheet HTML 2Page - Unisonic Technologies 2SD1624 Datasheet HTML 3Page - Unisonic Technologies 2SD1624 Datasheet HTML 4Page - Unisonic Technologies 2SD1624 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SD1624
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R208-005.D
ABSOLUTE MAXIMUM RATINGS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
6
V
Collector Power Dissipation( Tc=25
°C)
PC
500
mW
DC
IC
3
A
Collector Current
PULSE
ICP
6
A
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=10μA, IE=0
60
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=1mA, RBE=∞
50
V
Emitter-Base Breakdown Voltage
BVEBO
IE=10μA, IC=0
6
V
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=2A, IB=100mA
0.19
0.5
V
Base-Emitter Saturation Voltage
VBE(SAT)
IC=2A, IB=100mA
0.94
1.2
V
Collector Cut-Off Current
ICBO
VCB=40V, IE=0
1
μA
Emitter Cut-Off Current
IEBO
VEB=4V, IC=0
1
μA
DC Current Gain
hFE
VCE=2V, Ic=100mA
100
560
Gain-Bandwidth Product
fT
VCE=10V, IC=50mA
150
MHz
Output Capacitance
COB
VCE=10V, f=1MHz
25
pF
Turn-ON Time
tON
See test circuit
70
ns
Storage Time
tSTG
See test circuit
650
ns
Fall Time
tF
See test circuit
35
ns
CLASSIFICATION OF hFE
RANK
R
S
T
U
RANGE
100-200
140-280
200-400
280-560



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com