Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD879G-T92-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SD879G-T92-R
Description  1.5V, 3V STROBE APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD879G-T92-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2SD879G-T92-R Datasheet HTML 1Page - Unisonic Technologies 2SD879G-T92-R Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SD879
NPN EPITAXIAL SILICON TRANSISTOR
www.unisonic.com.tw
1 of 2
Copyright © 2011 Unisonic Technologies Co., LTD
QW-R208-010.Ba
1.5V, 3V STROBE
APPLICATIONS
DESCRIPTION
The UTC 2SD879 is a NPN epitaxial silicon transistor, designed for
1.5V and 3V strobe applications.
FEATURES
* In applications where two NiCd batteries are used to provide 2.4V,
two 2SD879s are used.
* The charge time is approximately 1 second faster than that of
germanium transistors.
* Less power dissipation because of lWO Collector-to-Emitter Voltage
VCE(SAT), permitting more flashes of light to be emitted.
* Large current capacity and highly resistant to break-down.
* Excellent linearity of hFE in the region from low current to high
current.
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
2SD879L-AB3-R
2SD879G-AB3-R
SOT-89
B
C
E
Tape Reel
2SD879L-T92-B
2SD879G-T92-B
TO-92
E
C
B
Tape Box
2SD879L-T92-K
2SD879G-T92-K
TO-92
E
C
B
Bulk
2SD879L-T92-R
2SD879G-T92-R
TO-92
E
C
B
Tape Reel
Note: Pin Assignment: E: Emitter C: Collector
B: Base


Similar Part No. - 2SD879G-T92-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD879G-T92-B UTC-2SD879G-T92-B Datasheet
99Kb / 3P
1.5V, 3V STROBE APPLICATIONS
2SD879G-T92-K UTC-2SD879G-T92-K Datasheet
99Kb / 3P
1.5V, 3V STROBE APPLICATIONS
More results

Similar Description - 2SD879G-T92-R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1620 SANYO-2SD1620 Datasheet
75Kb / 3P
1.5V,3V Strobe Applications
2SD826 SANYO-2SD826 Datasheet
114Kb / 4P
3V,6V Strobe Applications
2SD879 SANYO-2SD879 Datasheet
94Kb / 4P
1.5V, 3V Strobe Applications
logo
Toshiba Semiconductor
GT5G131 TOSHIBA-GT5G131 Datasheet
289Kb / 6P
Strobe Flash Applications
logo
Unisonic Technologies
2SD879 UTC-2SD879 Datasheet
91Kb / 3P
1.5V, 3V STROBE APPLICATIONS
logo
Toshiba Semiconductor
GT8G121 TOSHIBA-GT8G121_06 Datasheet
413Kb / 5P
STROBE FLASH APPLICATIONS
2SC5030 TOSHIBA-2SC5030_04 Datasheet
146Kb / 5P
Strobe Flash Applications
logo
Unisonic Technologies
2SD879 UTC-2SD879_2 Datasheet
95Kb / 3P
1.5V, 3V STROBE APPLICATIONS
logo
Sanyo Semicon Device
2SD1620 SANYO-2SD1620_10 Datasheet
91Kb / 4P
1.5V, 3V Strobe Applications
logo
Unisonic Technologies
2SD879 UTC-2SD879_15 Datasheet
99Kb / 3P
1.5V, 3V STROBE APPLICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com