Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK508L-X-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SK508L-X-AE3-R
Description  HIGH FREQUENCY AMPLIFIER N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SK508L-X-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SK508L-X-AE3-R Datasheet HTML 1Page - Unisonic Technologies 2SK508L-X-AE3-R Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2SK508
Preliminary
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R206-101.a
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Gate to Drain Voltage
VGDO
-15
V
Gate to Source Voltage
VGSO
-15
V
Drain to Source Voltage (VGS=-4.0 V)
VDSX
15
V
Drain Current (DC)
ID
50
mA
Gate Current (DC)
IG
5
mA
Power Dissipation
PD
200
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Gate Cut-Off Current
IGSS
VGS=-10V, VDS=0V
-1.0
nA
Zero Gate Voltage Drain Current (Note 1)
IDSS
VDS=5.0V, VGS=0V
10
20
50
mA
Gate to Source Cut-Off Voltage
VGS(off)
VDS=5.0V, ID=10μA
-0.6
-1.4
-3.5
V
Forward Transfer Admittance (Note 1)
|yFS|1
VDS=5.0V, ID=10mA, f=1.0kHz
14
19
mS
|yFS|2
VDS=5.0V, VGS=0V, f=1.0kHz
14
26
mS
Input Capacitance
CISS
VDS=5.0V, ID=10mA, f=1.0MHz
4.8
pF
Feedback Capacitance
CRSS
VDS=5.0V, ID=10mA, f=1.0MHz
1.6
pF
Note: 1. Pulsed: PW≤1ms, Duty Cycle≤1%
IDSS CLASSIFICATION
MARKING
K51
K52
K53
IDSS (mA)
10 ~ 20
15 ~ 30
25 ~ 50
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com